Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 26Page - Infineon Technologies AG TLE5011 Datasheet HTML 27Page - Infineon Technologies AG TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TLE5011
Specification
Final Data Sheet
30
V2.0, 2011-03
Reserved Registers (08
H to 0BH)
The values in these registers are 8-bit unsigned integer values.
The values in addr.8 and addr.9 have to be in reset status.
FSYNC_INV
Addr: 06
H
Reset Value: 00
H
76
54
32
10
FILT_INV
FSYNC
WU
WU
Field
Bits
Type
Description
FILT_INV
7
WU
Filter Input Inversion (to check the digital data path during operation)
0: Filter Inputs are not inverted
1: Filter Inputs are inverted
FSYNC
6-0
WU
Frame Synchronization (7-bit unsigned integer value)
The Filter Update time of approx. 80 µs results from the filter
decimation. The phase of this decimation can be set and checked by
this counter.
If FIR_BYP is activated, this counter overflows at the value 31
D.
ANGT
Addr: 07
H
Reset Value: 00
H
76
54
32
10
reserved
ANGT_EN
ANGT_Y
ANGT_X
-W
W
W
Field
Bits
Type
Description
reserved
7
-
Reserved, must be set to 0
ANGT_EN
6
W
Angle Test Enable
0: Angle Test disable command
1: Angle Test enable command
in this case X and Y values represent resistive test values that can be
used to simulate angle values
ANGT_Y
5-3
W
Angle Test X and Y value
See : Table 18 “Functional Angle Test” on Page 37
ANGT_X
2-0
W
Reserved
Addr: 08
H
Reset Value: FF
H
76
54
32
10
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com