Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 27Page - Infineon Technologies AG TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
TLE5011
Specification
Final Data Sheet
31
V2.0, 2011-03
Reserved
Addr: 09
H - 0BH
Reset Value: 00
H
76
54
32
10
Reserved
TST
Addr: 0C
H
Reset Value: 00
H
76
54
32
10
TEMP_EN
ADCPY
FILT_PAR
FILT_CRS
FIR_BYP
TST_ADC
TST_GMR
TST_
CHAN
W LW L
W LW L
W LW L
W LW L
Field
Bits
Type
Description
TEMP_EN
7
W L
Temperature Device Enable
0: Temperature Measurement disabled
1: Temperature Measurement enabled
The X value represents the temperature.
Automatic update mode enabled, if AUTO=1
ADCPY
6
W L
Y Polarity
0: No inversion of Y bitstream
1: Inversion of Y bitstream (rotating direct. changed)
FILT_PAR
5
W L
Filter switched parallel
0: Filters in normal mode
1: Filters parallel, input selected by TST_CHAN
FILT_CRS
4
W L
Filter switched across
0: Filters in normal mode
1: Filters crossed, X and Y outputs are exchanged
FIR_BYP
3
W L
FIR Filter Bypass
0: No FIR Bypass
1: FIR Bypass
TST_ADC
1)
1) Only for test purposes
2
W L
ADC input switch to TST1and TST2
0: No ADC input switch, normal operation
1: ADC input switched to TST1,2, ADC selected by TST_CHAN
2)
2)
if TST_ADC and TST_GMR are set to 1 at the same time, TST_GMR is forced to 0. TST_ADC has the higher priority.
TST_GMR
1)
1
W L
GMR switch to TST1and TST2
0: No GMR switch, normal operation
1: GMR switched to TST1,2 selected by TST_CHAN
2)
TST_CHAN
0
W L
Test Channel select
0: X channel linked to TST1and TST2
1: Y channel linked to TST1and TST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com