Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
TLE5011
Specification
Final Data Sheet
32
V2.0, 2011-03
ID
Addr: 0D
H
Reset Value: 12
H
76
54
32
10
DEV_ID
Reserved
RR
Field
Bits
Type
Description
DEV_ID
7-4
R
Device Identifier
001
H: TLE5011 production chip
reserved
3-0
-
LOCK
Addr: 0E
H
Reset Value: 00
H
76
54
32
10
LOCK
W
Field
Bits
Type
Description
LOCK
7-0
W
Lock Byte
≠ 5A
H: Lock registers locked
= 5A
H: Lock registers unlocked
CTRL2
Addr: 0F
H
Reset Value: 00
H
76
54
32
10
VDD_OV
VDD_OFF
GND_OFF
VRG_OV
VRA_OV
VRD_OV
S_NO
R S
R SR S
R SR S
R S
W L
Field
Bits
Type
Description
VDD_OV
7
R S
V
DD Overvoltage Comparator
0: No V
DD Overvoltage occurred
1: V
DD Overvoltage occurred
VDD_OFF
6
R S
VDD - off Comparator
0: No V
DD - off occurred
1: V
DD - off occurred
GND_OFF
5
R S
GND - off Comparator
0: No GND - off occurred
1: GND - off occurred
VRG_OV
4
R S
GMR Voltage Regulator Overvoltage Comparator
0: Voltage ok
1: VRG Overvoltage occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com