Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 10Page - Infineon Technologies AG TLE5011 Datasheet HTML 11Page - Infineon Technologies AG TLE5011 Datasheet HTML 12Page - Infineon Technologies AG TLE5011 Datasheet HTML 13Page - Infineon Technologies AG TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
TLE5011
Specification
Final Data Sheet
14
V2.0, 2011-03
3.3
Operating Range
To ensure correct operation of the TLE5011, the operating conditions identified in Table 3 must not be exceeded.
All parameters specified in the following sections refer to these operating conditions, unless otherwise indicated.
Table 3 is valid for -40°C < TJ < 150°C
The field strength of a magnet can be selected within the colored area in Figure 7. By limitation of the junction
temperature, a higher magnetic field can be applied. In case of a maximum temperature T
J = 100°C a magnet with
up to 60mT at T
A = 25°C is allowed.
Figure 7
Magnet performance (ambient temperature)
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Supply Voltage
VDD
3.0
-
5.5
V
For 3.3 & 5.0V systems
1)
1) Directly blocked with 100-nF ceramic capacitor
Output Current
IQ
--5
-10
mA
2) 3)
2) Maximum current to GND over Open Drain Output
3) The corresponding voltage levels are listed in Table 5 and Table 6
Input Voltage
VIN
-0.3
-
5.5
V
VDD + 0.35 V may not be
exceeded
Magnetic Induction at
TA= 25°C
4) 5)
4) Values refer to an homogenous magnetic field (B
XY) without vertical magnetic induction (BZ = 0mT)
5) See Figure 7
BXY
30
-
50
mT
-40°C < T
J<150°C
BXY
30
-
60
mT
-40°C < T
J<100°C
BXY
30
-
70
mT
-40°C < T
J<85°C
Expanded Magnetic
Induction at T
A = 25°C
4) 5)
BXY
25
-
30
mT
Additional angle error of
0.1°
6)
6) 0h
Angle Range
Ang
0
-
360
°
Sine / cosine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com