Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG TLE5011 Datasheet HTML 37Page - Infineon Technologies AG TLE5011 Datasheet HTML 38Page - Infineon Technologies AG TLE5011 Datasheet HTML 39Page - Infineon Technologies AG TLE5011 Datasheet HTML 40Page - Infineon Technologies AG TLE5011 Datasheet HTML 41Page - Infineon Technologies AG TLE5011 Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
TLE5011
Specification
Final Data Sheet
38
V2.0, 2011-03
ADC Test Vectors
Figure 17
ADC Test Vectors
3.10.2
Temperature Measurement
An internal bandgap voltage can be used to measure the temperature on the chip.
This may be used to compensate for temperature-dependent errors.
The temperature values is sent out instead of the X value.
Table 19
Temperature Measurement
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Value at -40°C
T-40
-
-
+22000
digits
Value at 25°C
T25
+2550
+5775
+9000
digits
Value at 150°C
T150
-22000
-
-
digits
Temperature Sensitivity
ST
-
-188.75
-
dig / K
1)
1) Should be used for temperature compensation of offset errors
X
Y
0%
122.1%
100.0%
70.7%
141.4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com