Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 12Page - Infineon Technologies AG TLE5011 Datasheet HTML 13Page - Infineon Technologies AG TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
TLE5011
Specification
Final Data Sheet
16
V2.0, 2011-03
Table 5
Electrical Parameters for 3.0V <
V
DD <3.6V
Table 6
Electrical Parameters for 4.5V <
V
DD <5.5V
Input Signal
Low Level
VL
-0.35
-
0.3 V
DD
V
Tested only at DATA pin as
structures of all pins are
identical
Input Signal
High Level
VH
0.7 V
DD
-V
DD
+0.35
V
Capacitance of SSC
Data Pin
CLDATA
-4
6
2)
pF
Internal
1) Without external pull-up resistor for SSC interface
2) Not subject to production test - verified by design/characterization
3) From pulse to pulse
4) Accumulated over 1 ms
5) ADC noise with respect to the peak ADC value specified in “Signal Processing” on Page 21.
Noise tested using 1
σ of 100 sample values from Angle Test “000”
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Input Hysteresis
VHY3
0.02 V
DD
--
V
Pull-Up Current
IPU3
-5
-
-50
µA
CS, DATA
Pull-Down Current
IPD3
10
-
150
µA
SCK, CLK
8
-
100
TST1
5
-
50
TST2
Output Signal
Low Level
VOL3
-
-
-
-
-
-
1.3
0.9
0.4
V
IQ =-10 mA
IQ =-7mA
1)
IQ =-2.5mA
1)
1) Not subject to production test - verified by design/characterization
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Input Hysteresis
VHY5
0.07 V
DD
--
V
Pull-Up Current
IPU5
-10
-
-150
µA
CS, DATA
Pull-Down Current
IPD5
15
-
225
µA
SCK, CLK
15
-
225
TST1
10
-
150
TST2
Output Signal
Low Level
VOL5
-
-
-
-
0.7
0.4
V
IQ =-10 mA
IQ =-5mA
1)
1) Not subject to production test - verified by design/characterization
Table 4
Electrical Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com