Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 11Page - Infineon Technologies AG TLE5011 Datasheet HTML 12Page - Infineon Technologies AG TLE5011 Datasheet HTML 13Page - Infineon Technologies AG TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
TLE5011
Specification
Final Data Sheet
15
V2.0, 2011-03
Note: The thermal resistances listed in Table 21 “Package Parameters” on Page 42 must be used to calculate
the corresponding ambient temperature.
Calculation of the Junction Temperature
The total power dissipation P
TOT of the chip increases its temperature above the ambient temperature.
The power multiplied by the total thermal resistance
RthJA (Junction to Ambient) leads to the final junction temperature. RthJA
is the sum of the addition of the values of the two components
Junction to Case and Case to Ambient.
RthJA = RthJC + RthCA
T
J = TA + ΔT
ΔT = R
thJA xPTOT =RthJA x( VDD x IDD + VOUT x IOUT )
I
DD , IOUT > 0, if direction is into IC
Example (assuming no load on Vout):
–
V
DD = 5 V
–
I
DD = 15 mA
–
ΔT =150 [K/W] x (5 [V] x 0.015 [A] + 0 [VA] ) =11.25 K
For moulded sensors, the calculation with R
thJC is more adequate.
3.4
Characteristics
3.4.1
Electrical Parameters
The indicated electrical parameters apply to the full operating range, unless otherwise specified. The typical values
correspond to a supply voltage V
DD = 5.0 V and 25°C, unless individually specified. All other values correspond to
- 40°C < T
J < 150°C.
Table 4
Electrical Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Supply Current
1)
IDD
-15
20
mA
VDD = 3.0 to 5.5V
--
21
VDD =6.5 V
POR Level
VPOR
2.0
2.3
2.9
V
Power-On Reset
POR Hysteresis
VPORhy
-30
-
mV
Power-On Time
tPon
50
100
200
µs
VDD > VDDmin & after first
edge on f
CLK
PLL Jitter
tPLLjit_S
-1.3
2.0
2)
ns
short term
3)
tPLLjit_L
3.0
3.9
long term
4)
ADC Noise
5)
NADC
-
1
2.2
digits
1
σ @ FIR_BYP = 0
-2
4.4
2)
1
σ @ FIR_BYP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com