Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 21Page - Infineon Technologies AG TLE5011 Datasheet HTML 22Page - Infineon Technologies AG TLE5011 Datasheet HTML 23Page - Infineon Technologies AG TLE5011 Datasheet HTML 24Page - Infineon Technologies AG TLE5011 Datasheet HTML 25Page - Infineon Technologies AG TLE5011 Datasheet HTML 26Page - Infineon Technologies AG TLE5011 Datasheet HTML 27Page - Infineon Technologies AG TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
TLE5011
Specification
Final Data Sheet
25
V2.0, 2011-03
The margin time shown in Table 14 is the time between write access to the SSC data line and the earliest possible
sample read of the TLE5011 itself for read-back.
It is useful to have a maximum distance between the WRITE and subsequent READ. This ensures a reliable read-
back of the written data for the Slave-Active Byte generation.
3.9.2
SSC Baud rate
The SSC baud rate depends on the internal clock frequency.
Twelve internal digital clock cycles are necessary to ensure reliable operation. Therefore, the maximum SSC baud
rate depends on the external CLK.
3.9.3
SSC Spike Filter
A spike filter for all SSC lines can be selected via the SSC_FILT bit.
SSC Spike Filter Off
When the spike filter is disabled, each slope with rising voltage is used to define a bit. This is independent of the
length of the sampled pulse. For example, a positive spike generates a rising and a falling edge.
SSC Spike Filter On
A sliding window with four consecutive sample bits is analyzed.
The sample frequency is:
Rising Edge Detect for SCK
•
After a rising edge (LH combination), at least one of the two following samples must be high. Valid bit
combinations: 0111 , 0110 , 0101.
•
A falling condition must be detected previously.
Falling Edge Detect for SCK
•
After a falling edge (HL combination), at least one of the two following samples must be low. Valid bit
combinations: 1000 , 1001 , 1010.
•
A rising condition must be detected previously.
Table 14
Maximum Pull-up Time Margin with Worst-Case Specified Timing
SSC_FILT
SSC_TIMING
Min. t
PU Margin
1)
1) Calculation: Margin=t
SCKl(min)+tDATwMAX-(tPU)-tDATrMIN.For Margin<50 ns no problems can occur.
Unit
Comment
0
don’t care
90
ns
150
f
SSC
f
CLK
2
-----------
=
f
S
1
f
DIGIT
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com