Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 2Page - Infineon Technologies AG TLE5011 Datasheet HTML 3Page - Infineon Technologies AG TLE5011 Datasheet HTML 4Page - Infineon Technologies AG TLE5011 Datasheet HTML 5Page - Infineon Technologies AG TLE5011 Datasheet HTML 6Page - Infineon Technologies AG TLE5011 Datasheet HTML 7Page - Infineon Technologies AG TLE5011 Datasheet HTML 8Page - Infineon Technologies AG TLE5011 Datasheet HTML 9Page - Infineon Technologies AG TLE5011 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Type
Marking
Ordering Code
Package
TLE5011
5011
SP000857850
PG-DSO-8
GMR Angle Sensor
TLE5011
Final Data Sheet
6
V2.0, 2011-03
1
Product Description
1.1
Overview
The TLE5011 is a 360° angle sensor that detects the orientation of a
magnetic field by measuring sine and cosine angle components with
monolithic integrated Giant Magneto Resistance (iGMR) elements.
Data
communications
are
accomplished
with
a
bi-directional
Synchronous Serial Communication (SSC) interface that is SPI
compatible.
The sine and cosine values can be read out digitally. These signals can
be digitally processed to calculate the angle orientation of the magnetic
field (magnet). This calculation can be done by using a COordinate
Rotation DIgital Computer (CORDIC) algorithm.
It is possible to connect more than one TLE5011 to one SSC interface of a microcontroller for redundancy or any
other reason. If multiple TLE5011 devices are used, the synchronization of the connected TLE5011 is performed
by a broadcast command.
Each connected TLE5011 can be addressed by a dedicated Chip Select CS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com