Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 162Page - Texas Instruments AM1802 Datasheet HTML 163Page - Texas Instruments AM1802 Datasheet HTML 164Page - Texas Instruments AM1802 Datasheet HTML 165Page - Texas Instruments AM1802 Datasheet HTML 166Page - Texas Instruments AM1802 Datasheet HTML 167Page - Texas Instruments AM1802 Datasheet HTML 168Page - Texas Instruments AM1802 Datasheet HTML 169Page - Texas Instruments AM1802 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Table 5-95. ARM Debug Features
Category
Hardware Feature
Availability
Software breakpoint
Unlimited
Up to 14 HWBPs, including:
2 precise(1) HWBP inside ARM core which are shared with watch points.
Basic Debug
Hardware breakpoint
8 imprecise(1) HWBPs from ETM’s address comparators, which are shared with trace
function, and can be used as watch points.
4 imprecise(1) HWBPs from ICECrusher.
Up to 6 watch points, including:
2 from ARM core which is shared with HWBPs and can be associated with a data.
Watch point
8 from ETM’s address comparators, which are shared with trace function, and
HWBPs.
2 from ARM core which is shared with HWBPs.
Analysis
Watch point with Data
8 watch points from ETM can be associated with a data comparator, and ETM has
total 4 data comparators.
Counters/timers
3x32-bit (1 cycle ; 2 event)
External Event Trigger In
1
External Event Trigger Out
1
Address range for trace
4
Data qualification for trace
2
System events for trace control
20
Trace Control
Counters/Timers for trace control
2x16-bit
State Machines/Sequencers
1x3-State State Machine
Context/Thread ID Comparator
1
Independent trigger control units
12
Capture depth PC
4k bytes ETB
On-chip Trace
Capture depth PC + Timing
4k bytes ETB
Capture
Application accessible
Y
(1)
Precise hardware breakpoints will halt the processor immediately prior to the execution of the selected instruction. Imprecise breakpoints
will halt the processor some number of cycles after the selected instruction depending on device conditions.
166
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com