Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 165Page - Texas Instruments AM1802 Datasheet HTML 166Page - Texas Instruments AM1802 Datasheet HTML 167Page - Texas Instruments AM1802 Datasheet HTML 168Page - Texas Instruments AM1802 Datasheet HTML 169Page - Texas Instruments AM1802 Datasheet HTML 170Page - Texas Instruments AM1802 Datasheet HTML 171Page - Texas Instruments AM1802 Datasheet HTML 172Page - Texas Instruments AM1802 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 180 page
background image
TDI
Router
ARM926EJ-S/ETM
TDO
Steps
CLK
TMS
Router
ARM926EJ-S/ETM
ETB
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
•
Function : Do a send-only JTAG IR/DR scan.
–
Parameter : The route to JTAG shift state is 'shortest transition'.
–
Parameter : The JTAG shift state is 'shift-dr'.
–
Parameter : The JTAG destination state is 'pause-dr'.
–
Parameter : The bit length of the command is '32'.
–
Parameter : The send data value is '0xa2002108'.
–
Parameter : The actual receive data is 'discarded'.
•
Function : Do a send-only all-ones JTAG IR/DR scan.
–
Parameter : The JTAG shift state is 'shift-ir'.
–
Parameter : The JTAG destination state is 'run-test/idle'.
–
Parameter : The bit length of the command is '6'.
–
Parameter : The send data value is 'all-ones'.
–
Parameter : The actual receive data is 'discarded'.
•
Function : Wait for a minimum number of TCLK pulses.
–
Parameter : The count of TCLK pulses is '10'.
•
Function : Update the JTAG preamble and post-amble counts.
–
Parameter : The IR pre-amble count is '0'.
–
Parameter : The IR post-amble count is '6'.
–
Parameter : The DR pre-amble count is '0'.
–
Parameter : The DR post-amble count is '1'.
–
Parameter : The IR main count is '4'.
–
Parameter : The DR main count is '1'.
The initial scan chain contains only the TAP router module. The following steps must be completed in
order to add ETB TAP to the scan chain.
Figure 5-56. Adding ETB to the scan chain
•
Function : Do a send-only JTAG IR/DR scan.
–
Parameter : The route to JTAG shift state is 'shortest transition'.
–
Parameter : The JTAG shift state is 'shift-ir'.
–
Parameter : The JTAG destination state is 'pause-ir'.
–
Parameter : The bit length of the command is '6'.
–
Parameter : The send data value is '0x00000007'.
–
Parameter : The actual receive data is 'discarded'.
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
169
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com