Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 163Page - Texas Instruments AM1802 Datasheet HTML 164Page - Texas Instruments AM1802 Datasheet HTML 165Page - Texas Instruments AM1802 Datasheet HTML 166Page - Texas Instruments AM1802 Datasheet HTML 167Page - Texas Instruments AM1802 Datasheet HTML 168Page - Texas Instruments AM1802 Datasheet HTML 169Page - Texas Instruments AM1802 Datasheet HTML 170Page - Texas Instruments AM1802 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
5.24.1 JTAG Port Description
The device target debug interface uses the five standard IEEE 1149.1(JTAG) signals (TRST, TCK, TMS,
TDI, and TDO), a return clock (RTCK) due to the clocking requirements of the ARM926EJ-S and
emulation signals EMU0 and EMU1. TRST holds the debug and boundary scan logic in reset when pulled
low (its default state). Since TRST has an internal pull-down resistor, this ensures that at power up the
device functions in its normal (non-test) operation mode if TRST is not connected. Otherwise, TRST
should be driven inactive by the emulator or boundary scan controller. Boundary scan test cannot be
performed while the TRST pin is pulled low.
Table 5-96. JTAG Port Description
PIN
TYPE
NAME
DESCRIPTION
When asserted (active low) causes all test and debug logic in the device to be reset
TRST
I
Test Logic Reset
along with the IEEE 1149.1 interface
This is the test clock used to drive an IEEE 1149.1 TAP state machine and logic.
TCK
I
Test Clock
Depending on the emulator attached to , this is a free running clock or a gated clock
depending on RTCK monitoring.
Synchronized TCK. Depending on the emulator attached to, the JTAG signals are
RTCK
O
Returned Test Clock
clocked from RTCK or RTCK is monitored by the emulator to gate TCK.
TMS
I
Test Mode Select
Directs the next state of the IEEE 1149.1 test access port state machine
TDI
I
Test Data Input
Scan data input to the device
TDO
O
Test Data Output
Scan data output of the device
EMU0
I/O
Emulation 0
Channel 0 trigger + HSRTDX
EMU1
I/O
Emulation 1
Channel 1 trigger + HSRTDX
5.24.2 Scan Chain Configuration Parameters
Table 5-97 shows the TAP configuration details required to configure the router/emulator for this device.
Table 5-97. JTAG Port Description
Router Port ID
Default TAP
TAP Name
Tap IR Length
17
No
Reserved
38
18
No
ARM926
4
19
No
ETB
4
The router is revision C and has a 6-bit IR length.
5.24.3 Initial Scan Chain Configuration
The first level of debug interface that sees the scan controller is the TAP router module. The debugger
can configure the TAP router for serially linking up to 16 TAP controllers or individually scanning one of
the TAP controllers without disrupting the IR state of the other TAPs.
5.24.3.1 Adding TAPS to the Scan Chain
The TAP router must be programmed to add additional TAPs to the scan chain. The following JTAG scans
must be completed to add the ARM926EJ-S to the scan chain.
A Power-On Reset (POR) or the JTAG Test-Logic Reset state configures the TAP router to contain only
the router’s TAP.
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
167
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com