Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 127 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 127 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 123Page - Texas Instruments RM48L930 Datasheet HTML 124Page - Texas Instruments RM48L930 Datasheet HTML 125Page - Texas Instruments RM48L930 Datasheet HTML 126Page - Texas Instruments RM48L930 Datasheet HTML 127Page - Texas Instruments RM48L930 Datasheet HTML 128Page - Texas Instruments RM48L930 Datasheet HTML 129Page - Texas Instruments RM48L930 Datasheet HTML 130Page - Texas Instruments RM48L930 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
5.7
Serial Communication Interface (SCI)
5.7.1
Features
•
Standard universal asynchronous receiver-transmitter (UART) communication
•
Supports full- or half-duplex operation
•
Standard nonreturn to zero (NRZ) format
•
Double-buffered receive and transmit functions
•
Configurable frame format of 3 to 13 bits per character based on the following:
– Data word length programmable from one to eight bits
– Additional address bit in address-bit mode
– Parity programmable for zero or one parity bit, odd or even parity
– Stop programmable for one or two stop bits
•
Asynchronous or isosynchronous communication modes
•
Two multiprocessor communication formats allow communication between more than two devices.
•
Sleep mode is available to free CPU resources during multiprocessor communication.
•
The 24-bit programmable baud rate supports 224 different baud rates provide high accuracy baud rate
selection.
•
Four error flags and Five status flags provide detailed information regarding SCI events.
•
Capability to use DMA for transmit and receive data.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
127
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com