Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7719 Datasheet HTML 2Page - Analog Devices AD7719 Datasheet HTML 3Page - Analog Devices AD7719 Datasheet HTML 4Page - Analog Devices AD7719 Datasheet HTML 5Page - Analog Devices AD7719 Datasheet HTML 6Page - Analog Devices AD7719 Datasheet HTML 7Page - Analog Devices AD7719 Datasheet HTML 8Page - Analog Devices AD7719 Datasheet HTML 9Page - Analog Devices AD7719 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
REV. 0
AD7719
–6–
Parameter
AD7719B
Unit
Test Conditions
Power Supply Currents (Continued)
AIDD Current (Main ADC)
1.1
mA max
AVDD = 3 V or 5 V, Buffered Mode,
0.85 mA typ
0.55
mA max
AVDD = 3 V or 5 V, Unbuffered Mode,
0.45 mA typ
AIDD Current (Aux ADC)
0.3
mA max
AVDD = 3 V or 5 V, 0.25 mA typ
AIDD Current (Main and Aux ADC)
1.25
mA max
AVDD = 3 V or 5 V, Main ADC Buffered,
1 mA typ
DIDD (ADC Disable Mode)
13
0.35
mA max
DVDD = 3 V, 0.25 mA typ
0.4
mA max
DVDD = 5 V, 0.3 mA typ
AIDD (ADC Disable Mode)
0.15
mA max
AVDD = 3 V or 5 V
DIDD (Power-Down Mode)
10
µA max
DVDD = 3 V, 32.768 kHz Osc. Running
2
µA max
DVDD = 3 V, Oscillator Powered Down
30
µA max
DVDD = 5 V, 32.768 kHz Osc. Running
8
µA max
DVDD = 5 V, Oscillator Powered Down
AIDD (Power-Down Mode)
1
µA max
AVDD = 3 V or 5 V
NOTES
1 Temperature Range –40
°C to +85°C.
2 Guaranteed by design and/or characterization data on production release.
3 System zero calibration will remove this error.
4 A calibration at any temperature will remove this drift error.
5 The Main ADC is factory-calibrated with AV
DD = DVDD = 4 V, TA = 25
°C, REFIN1(+) – REFIN1(–) = 2.5 V. If the user power supplies or temperature conditions
are significantly different from these, internal full-scale calibration will restore this error to the published specification. System calibration can be used to reduce this
error to the order of the noise. Full scale error applies to both positive and negative full scale.
6 Simultaneous 50 Hz and 60 Hz rejection is achieved using 19.8 Hz (SF = 69) update rate. Normal mode rejection in this case is 60 dB min.
7 Input and Output levels on the I/O Port are with respect to AV
DD and AGND.
8 A system full-scale calibration will remove this error.
9 A typical gain error of
± 10µV results following a user self calibration.
10 After a calibration if the analog input exceeds positive full scale, the converter will output all 1s. If the analog input is less than negative full scale then the device will
output all 0s.
11 FS = Full-Scale Input. FS = 1.024
× REFIN1/Gain on the Main ADC, where REFIN1 = REFIN1(+) – REFIN1(–). FS = REFIN2 on the aux ADC when ARN = 1
in the aux ADC control register (AD1CON) and REFIN2/2 on the aux ADC when ARN = 0.
12 Normal Mode refers to the case where both main and aux ADCs are running.
13 ADC disable is entered by setting both the AD0EN and AD1EN bits in the Main and Aux ADC control registers to a 0 and setting the mode bits (MD2, MD1,
MD0) in the Mode register to non-0.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND
2. . . . . . . . . . . . . . . . . . . –20 mV to +20 mV
PWRGND to AGND . . . . . . . . . . . . . . . . –20 mV to +20 mV
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to +5 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD +0.3 V
Reference Input Voltage to AGND . .
–0.3 V to AVDD +0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . . . 30 mA
Digital Input Voltage to DGND . . . . –0.3 V to DVDD +0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD +0.3 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOIC Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 71.4°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 23°C/W
TSSOP Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 97.9°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2AGND and DGND and connected internally within the AD7719.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7719BR
–40
°C to +85°C
SOIC
R-28
AD7719BRU
–40
°C to +85°C
TSSOP
RU-28
EVAL-AD7719EB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com