Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7719 Datasheet HTML 7Page - Analog Devices AD7719 Datasheet HTML 8Page - Analog Devices AD7719 Datasheet HTML 9Page - Analog Devices AD7719 Datasheet HTML 10Page - Analog Devices AD7719 Datasheet HTML 11Page - Analog Devices AD7719 Datasheet HTML 12Page - Analog Devices AD7719 Datasheet HTML 13Page - Analog Devices AD7719 Datasheet HTML 14Page - Analog Devices AD7719 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
REV. 0
AD7719
–11–
Typical Performance Characteristics–
READING NO.
8389600
8389400
8388000
0
1000
100
200
300
8389200
400
500
600
700
800
900
8389000
8388800
8388600
8388400
8388200
AVDD = DVDD = 5V
INPUT RANGE =
20mV
REFIN1(+)–REFIN1(–)=2.5V
UPDATE RATE=19.79Hz
MAIN ADC IN BUFFERED MODE
RMS NOISE = 0.58 Vrms
TA = 25 C
VREF = 2.5V
TPC 1. Typical Noise Plot on
±20 mV Input Range with
19.79 Hz Update Rate
8
7
0
6
5
4
3
2
1
9
TPC 2. Noise Distribution Histogram
2.5
0
1.0
3.0
2.5
2.0
1.5
3.5
5.0
4.5
4.0
2.0
1.5
1.0
0.5
3.0
VREF – Volts
20mV RANGE
2.56V RANGE
AVDD = DVDD = 5V
VREF = 2.5V
INPUT RANGE =
2.56V
UPDATE RATE = 19.79Hz
TA = 25 C
TPC 3. RMS Noise vs. Reference Input
16
040
30
20
10
50
100
90
80
70
60
24
22
20
18
26
UPDATE RATE – Hz
110
TPC 4. No-Missing-Codes Performance
TEMPERATURE SENSOR – C
1400
1200
0
50
30
10
20
40
800
600
400
200
1000
THE AMBIENT
TEMPERATURE VARIES
FROM 25 C TO 30 C
WHILE RECORDING
THE DATA FROM
THE DEVICES.
TPC 5. Temperature Sensor Accuracy
MAIN CAL ACC. @ 4V –
V
1200
0
20
0
–20
–10
10
800
600
400
200
1000
–30
TPC 6. Full-Scale Error Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com