Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7719 Datasheet HTML 5Page - Analog Devices AD7719 Datasheet HTML 6Page - Analog Devices AD7719 Datasheet HTML 7Page - Analog Devices AD7719 Datasheet HTML 8Page - Analog Devices AD7719 Datasheet HTML 9Page - Analog Devices AD7719 Datasheet HTML 10Page - Analog Devices AD7719 Datasheet HTML 11Page - Analog Devices AD7719 Datasheet HTML 12Page - Analog Devices AD7719 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
REV. 0
AD7719
–9–
PIN CONFIGURATION
14
13
12
11
10
17
16
15
19
18
20
28
27
26
25
24
23
22
21
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7719
IOUT1
DGND
DVDD
XTAL2
XTAL1
IOUT2
AVDD
AGND
RDY
DOUT
DIN
REFIN1(–)
REFIN1(+)
AIN1
AIN2
AIN3
AIN4
RESET
SCLK
CS
AIN5
AIN6
REFIN2
P4
P1/SW1
P3
P2/SW2
PWRGND
The serial interface can be reset by exercising the
RESET input
on the part. It can also be reset by writing a series of 1s on the
DIN input. If a Logic 1 is written to the AD7719 DIN line for
at least 32 serial clock cycles the serial interface is reset. This
ensures that in 3-wire systems, if the interface gets lost either via
a software error or by some glitch in the system, it can be reset
back to a known state. This state returns the interface to where
the AD7719 is expecting a write operation to its Communica-
tions Register. This operation resets the contents of all registers to
their power-on reset values.
Some microprocessor or microcontroller serial interfaces have a
single serial data line. In this case, it is possible to connect the
AD7719’s DATA OUT and DATA IN lines together and connect
them to the single data line of the processor. A 10 k
Ω pull-up
resistor should be used on this single data line. In this case, if
the interface gets lost, because the read and write operations
share the same line the procedure to reset it back to a known
state is somewhat different than previously described. It requires
a read operation of 24 serial clocks followed by a write operation
where a Logic 1 is written for at least 32 serial clock cycles to
ensure that the serial interface is back into a known state.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
IOUT1
Output for Internal 200
µA Excitation Current Source. Either current source IEXC1 or IEXC2 or
both can be switched to this output.
2
IOUT2
Output for Internal 200
µA Excitation Current Source. Either IEXC1 or IEXC2 current source or
both can be switched to this output.
3AVDD
Analog Supply Voltage.
4
AGND
Analog Ground.
5
REFIN1(–)
Negative Reference Input for Main ADC Channel. This reference input can lie anywhere between
AGND and AVDD – 1 V.
6
REFIN1(+)
Positive Reference Input for Main ADC Channel. REFIN1(+) can lie anywhere between AVDD and
AGND + 1 V. The nominal reference voltage (REFIN1(+) – REFIN1(–)) is 2.5 V, but the part is
functional with a reference range from 1 V to AVDD.
7
AIN1
Analog Input. AIN1 is dedicated to the main channel.
8
AIN2
Analog Input. AIN2 is dedicated to the main channel.
9
AIN3
Analog Input. AIN3 can be multiplexed to either the main or auxiliary channel
10
AIN4
Analog Input. AIN4 can be multiplexed to either the main or auxiliary channel.
11
AIN5
Analog Input. AIN5 is dedicated to the auxiliary channel and is referenced to AIN6 or AGND
12
AIN6
Analog Input. AIN6 is dedicated to the auxiliary channel. It forms a differential input pair with AIN5
in fully differential input mode or is referenced to AGND in pseudo-differential mode.
13
REFIN2
Single-Ended Reference Input for Auxiliary Channel. The nominal input reference is 2.5 V. The
auxiliary channel will function with an input reference range from 1 V to AVDD.
14
P4
General-Purpose I/O Bit. The input and output voltage levels are referenced to AVDD and AGND.
15
P3
General-Purpose I/O Bit. The input and output voltage levels are referenced to AVDD and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com