Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7719 Datasheet HTML 3Page - Analog Devices AD7719 Datasheet HTML 4Page - Analog Devices AD7719 Datasheet HTML 5Page - Analog Devices AD7719 Datasheet HTML 6Page - Analog Devices AD7719 Datasheet HTML 7Page - Analog Devices AD7719 Datasheet HTML 8Page - Analog Devices AD7719 Datasheet HTML 9Page - Analog Devices AD7719 Datasheet HTML 10Page - Analog Devices AD7719 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
REV. 0
AD7719
–7–
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Parameter
(B Version)
Unit
Conditions/Comments
t1
32.768
kHz typ
Crystal Oscillator Frequency.
t2
50
ns min
RESET Pulsewidth
Read Operation
t3
0
ns min
RDY to CS Setup Time
t4
0
ns min
CS Falling Edge to SCLK Active Edge Setup Time3
t5
4
0
ns min
SCLK Active Edge to Data Valid Delay
3
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t5A
4, 5
0
ns min
CS Falling Edge to Data Valid Delay3
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t6
100
ns min
SCLK High Pulsewidth
t7
100
ns min
SCLK Low Pulsewidth
t8
0
ns min
CS Rising Edge to SCLK Inactive Edge Hold Time3
t9
6
10
ns min
Bus Relinquish Time after SCLK Inactive Edge
3
80
ns max
t10
100
ns max
SCLK Active Edge to
RDY High3, 7
Write Operation
t11
0
ns min
CS Falling Edge to SCLK Active Edge Setup Time3
t12
30
ns min
Data Valid to SCLK Edge Setup Time
t13
25
ns min
Data Valid to SCLK Edge Hold Time
t14
100
ns min
SCLK High Pulsewidth
t15
100
ns min
SCLK Low Pulsewidth
t16
0
ns min
CS Rising Edge to SCLK Edge Hold Time
NOTES
1 Sample tested during initial release to ensure compliance. All input signals are specified with t
R = tF = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.6 V.
2 See Figures 2 and 3.
3 SCLK active edge is falling edge of SCLK.
4 These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross the V
OL or VOH limits.
5 This specification only comes into play if
CS goes low while SCLK is low. It is required primarily for interfacing to DSP machines.
6 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapo-
lated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus relinquish times of the
part and as such are independent of external bus loading capacitances.
7
RDY returns high after a read of both ADCs. The same data can be read again, if required, while RDY is high, although care should be taken that subsequent reads do not occur
close to the next output update.
(AVDD = 2.7 V to 3.6 V or AVDD = 4.75 V to 5.25 V; DVDD = 2.7 V to 3.6 V or DVDD = 4.75 V to
5.25 V; AGND = DGND = 0 V; XTAL = 32.768 kHz; Input Logic 0 = 0 V, Logic 1 = DVDD unless otherwise noted.)
ISINK (1.6mA WITH DVDD = 5V
100 A WITH DVDD = 3V)
1.6V
ISOURCE (200 A WITH DVDD = 5V
100 A WITH DVDD = 3V)
TO OUTPUT
PIN
50pF
Figure 1. Load Circuit for Timing Characterization
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7719 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com