Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 38 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7719 Datasheet HTML 32Page - Analog Devices AD7719 Datasheet HTML 33Page - Analog Devices AD7719 Datasheet HTML 34Page - Analog Devices AD7719 Datasheet HTML 35Page - Analog Devices AD7719 Datasheet HTML 36Page - Analog Devices AD7719 Datasheet HTML 37Page - Analog Devices AD7719 Datasheet HTML 38Page - Analog Devices AD7719 Datasheet HTML 39Page - Analog Devices AD7719 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
REV. 0
AD7719
–38–
3-Wire RTD Configurations
To fully optimize a 3-wire RTD configuration, two identically
matched current sources are required. The AD7719, which
contains two well-matched current sources, is ideally suited to
these applications. One possible 3-wire configuration using the
AD7719 is outlined in Figure 23.
REFIN(–)
IOUT1
DGND
AGND
5V
12.5k
AVDD
AIN2
AIN1
AD7719
RL3
RCM
REFIN(+)
CONTROLLER
IOUT2
DVDD
DRDY
SCLK
DIN
DOUT
CS
XTAL1
XTAL2
RL2
RTD
200 A
200 A
RL1
Figure 23. 3-Wire RTD Configuration Using the AD7719
In this 3-wire configuration, the lead resistances will result in
errors if only one current source is used as the 200
µA will flow
through RL1, developing a voltage error between AIN1 and
AIN2. In the scheme outlined below, the second RTD current
source is used to compensate for the error introduced by the
200
µA flowing through RL1. The second RTD current flows
through RL2. Assuming RL1 and RL2 are equal (the leads
would normally be of the same material and of equal length),
and IOUT1 and IOUT2 match, the error voltage across RL2
equals the error voltage across RL1 and no error voltage is
developed between AIN1 and AIN2. Twice the voltage is devel-
oped across RL3 but, since this is a common-mode voltage, it
will not introduce errors. RCM is included so the current flow-
ing through the combination of RL3 and RCM develops enough
voltage that the analog input voltage seen by the AD7719 is
within the common-mode range of the ADC. The reference
voltage for the AD7719 is also generated using one of these
matched current sources. This reference voltage is developed
across the 12.5 k
Ω resistor as shown, and applied to the differen-
tial reference inputs of the AD7719. This scheme ensures that the
analog input voltage span remains ratiometric to the reference
voltage. Any errors in the analog input voltage due to the tem-
perature drift of the RTD current source is compensated for by
the variation in the reference voltage. The typical drift matching
between the two RTD current sources is less than 1 ppm/
°C.
The voltage on either IOUT pin can go to within 0.6 V of the
AVDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com