Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7719 Datasheet HTML 25Page - Analog Devices AD7719 Datasheet HTML 26Page - Analog Devices AD7719 Datasheet HTML 27Page - Analog Devices AD7719 Datasheet HTML 28Page - Analog Devices AD7719 Datasheet HTML 29Page - Analog Devices AD7719 Datasheet HTML 30Page - Analog Devices AD7719 Datasheet HTML 31Page - Analog Devices AD7719 Datasheet HTML 32Page - Analog Devices AD7719 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. 0
AD7719
–29–
AD7719-to-68HC11 Interface
Figure 12 shows an interface between the AD7719 and the 68HC11
microcontroller. The diagram shows the minimum (3-wire) inter-
face with
CS on the AD7719 hard-wired low. In this scheme,
the RDY bits of the Status Register are monitored to determine
when the Data Register is updated. RDY0 indicates the status of
the Main ADC channel while RDY1 indicates the status of the
Aux channel. An alternative scheme, which increases the number
of interface lines to four, is to monitor the
RDY output line
from the AD7719. The monitoring of the
RDY line can be done in
two ways. First,
RDY can be connected to one of the 68HC11’s
port bits (such as PC0), which is configured as an input. This
port bit is then polled to determine the status of
RDY. The
second scheme is to use an interrupt driven system, in which case
the
RDY output is connected to the IRQ input of the 68HC11. For
interfaces that require control of the
CS input on the AD7719,
one of the port bits of the 68HC11 (such as PC1), which is
configured as an output, can be used to drive the
CS input.
The 68HC11 is configured in the master mode with its CPOL
bit set to a Logic 1 and its CPHA bit set to a Logic 1. When the
68HC11 is configured like this, its SCLK line idles high between
data transfers. The AD7719 is not capable of full duplex opera-
tion. If the AD7719 is configured for a write operation, no data appears
on the DOUT lines even when the SCLK input is active. Simi-
larly, if the AD7719 is configured for a read operation, data
presented to the part on the DIN line is ignored even when
SCLK is active.
68HC11
AD7719
VDD
SS
SCK
MISO
MOSI
RESET
SCLK
CS
DIN
DOUT
VDD
Figure 12. AD7719-to-68HC11 Interface
AD7719-to-8051 Interface
An interface circuit between the AD7719 and the 8XC51 microcon-
troller is shown in Figure 13. The diagram shows the minimum
number of interface connections with
CS on the AD7719 hard-
wired low. In the case of the 8XC51 interface, the minimum
number of interconnects is just two. In this scheme, the RDY
bits of the Status Register are monitored to determine when the
Data Register is updated. The alternative scheme, which increases
the number of interface lines to three, is to monitor the
RDY output
line from the AD7719. The monitoring of the
RDY line can be
done in two ways. First,
RDY can be connected to one of the
8XC51’s port bits (such as P1.0) which is configured as an input.
This port bit is then polled to determine the status of
RDY.
DVDD
8XC51
AD7719
P3.0
P3.1
RESET
SCLK
CS
DVDD
10k
DIN
DOUT
Figure 13. AD7719-to-8XC51 Interface
The second scheme is to use an interrupt-driven system, in which
case the
RDY output is connected to the INT1 input of the
8XC51. For interfaces that require control of the
CS input on
the AD7719, one of the port bits of the 8XC51 (such as P1.1),
which is configured as an output, can be used to drive the
CS
input. The 8XC51 is configured in its Mode 0 serial interface
mode. Its serial interface contains a single data line. As a result,
the DOUT and DIN pins of the AD7719 should be connected
together with a 10 k
Ω pull-up resistor. The serial clock on the
8XC51 idles high between data transfers. The 8XC51 outputs
the LSB first in a write operation, while the AD7719 expects the
MSB first so the data to be transmitted has to be rearranged
before being written to the output serial register. Similarly, the
AD7719 outputs the MSB first during a read operation while
the 8XC51 expects the LSB first. Therefore, the data read into
the serial buffer needs to be rearranged before the correct data
word from the AD7719 is available in the accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com