Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7719 Datasheet HTML 10Page - Analog Devices AD7719 Datasheet HTML 11Page - Analog Devices AD7719 Datasheet HTML 12Page - Analog Devices AD7719 Datasheet HTML 13Page - Analog Devices AD7719 Datasheet HTML 14Page - Analog Devices AD7719 Datasheet HTML 15Page - Analog Devices AD7719 Datasheet HTML 16Page - Analog Devices AD7719 Datasheet HTML 17Page - Analog Devices AD7719 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
REV. 0
AD7719
–14–
FREQUENCY – Hz
0
–80
–160
0
100
10
20
30
40
50
60
70
80
90
–20
–40
–120
–140
–60
–100
SF = 69
OUTPUT DATA RATE = 19.8Hz
INPUT BANDWIDTH = 4.74Hz
FIRST NOTCH = 9.9Hz
50Hz REJECTION = –66dB, 50Hz 1Hz REJECTION = –60dB
60Hz REJECTION = –117dB, 60Hz 1Hz REJECTION = –94dB
Figure 8. Filter Profile with Default SF = 69 Giving Filter
Notches at Both 50 Hz and 60 Hz
FREQUENCY – Hz
0
–80
–160
0
100
10
20
30
40
50
60
70
80
90
–20
–40
–120
–140
–60
–100
SF = 255
OUTPUT DATA RATE = 5.35Hz
INPUT BANDWIDTH = 1.28Hz
50Hz REJECTION = –93dB, 50Hz 1Hz REJECTION = –93dB
60Hz REJECTION = –74dB, 60Hz 1Hz REJECTION = –68dB
Figure 9. Filter Profile with SF = 255
FREQUENCY – Hz
0
–140
–200
0
650
50 100 150 200 250 300 350 400 450 500 550 600
700
–20
–120
–160
–180
–60
–100
–40
–80
SF = 13
OUTPUT DATA RATE = 105Hz
INPUT BANDWIDTH = 25.2Hz
FIRST NOTCH = 52.5Hz
50Hz REJECTION = –23.6dB, 50Hz 1Hz REJECTION = –20.5dB
60Hz REJECTION = –14.6dB, 60Hz 1Hz REJECTION = –13.6dB
Figure 6. Filter Profile with SF = 13
FREQUENCY – Hz
0
–80
–160
0
100
10
20
30
40
50
60
70
80
90
–20
–40
–120
–140
–60
–100
SF = 82
OUTPUT DATA RATE = 16.65Hz
INPUT BANDWIDTH = 4Hz
50Hz REJECTION = –171dB, 50Hz 1Hz REJECTION = –100dB
60Hz REJECTION = –58dB, 60Hz 1Hz REJECTION = –53dB
Figure 7. Filter Profile with SF = 82
MAIN AND AUXILIARY ADC NOISE PERFORMANCE
Tables II to VII show the output rms noise and output peak-to-
peak resolution in bits (rounded to the nearest 0.5 LSB) for a
selection of output update rates on both the main and auxiliary
ADCs. The numbers are typical and generated at a differential
input voltage of 0 V. The output update rate is selected via the
SF7-SF0 bits in the Filter Register. It is important to note that
the peak-to-peak resolution figures represent the resolution for
which there will be no code flicker within a six-sigma limit. The
output noise comes from two sources. The first is the electrical
noise in the semiconductor devices (device noise) used in the
implementation of the modulator. Secondly, when the analog
input is converted into the digital domain, quantization noise is
added. The device noise is at a low level and is independent of
frequency. The quantization noise starts at an even lower level
but rises rapidly with increasing frequency to become the domi-
nant noise source. The numbers in the tables are given for the
bipolar input ranges. For the unipolar ranges the rms noise
numbers will be the same as the bipolar range, but the peak-to-
peak resolution is now based on half the signal range, which
effectively means losing 1 bit of resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com