| Electronic Components Datasheet Search |
|
AD7719 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7719 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 40 page ![]() REV. 0 AD7719 –19– Communications Register (A3, A2, A1, A0 = 0, 0, 0, 0) The Communications Register is an 8-bit write-only register. All communications to the part must start with a write operation to the Communications Register. The data written to the Communications Register determines whether the next operation is a read or write operation, and to which register this operation takes place. For read or write operations, once the subsequent read or write operation to the selected register is complete, the interface returns to where it expects a write operation to the Communications Register. This is the default state of the interface, and on power-up or after a RESET, the AD7719 is in this default state waiting for a write operation to the Communications Register. In situations where the interface sequence is lost, a write operation of at least 32 serial clock cycles with DIN high, returns the AD7719 to this default state by resetting the part. Table IX outlines the bit designa- tions for the Communications Register. CR0 through CR7 indicate the bit location, CR denoting the bits are in the Communications Register. CR7 denotes the first bit of the data stream. CR7 CR6 CR5 CR4 CR3 CR2 CR1 CR0 WEN (0) R/W (0) 0 (0) 0 (0) A3 (0) A2 (0) A1 (0) A0 (0) Table IX. Communications Register Bit Designations Bit Bit Location Name Description CR7 WEN Write Enable Bit. A 0 must be written to this bit so the write operation to the Communications Register actually takes place. If a 1 is written to this bit, the part will not clock on to subsequent bits in the regis- ter. It will stay at this bit location until a 0 is written to this bit. Once a 0 is written to the WEN bit, the next seven bits will be loaded to the Communications Register. CR6 R/ W A zero in this bit location indicates that the next operation will be a write to a specified register. A one in this position indicates that the next operation will be a read from the designated register. CR5 Zero A zero must be written to this bit position to ensure correct operation of the AD7719. CR4 Zero A zero must be written to this bit position to ensure correct operation of the AD7719. CR3–CR0 A3–A0 Register Address Bits. These address bits are used to select which of the AD7719’s registers are being accessed during this serial interface communication. A3 is the MSB of the three selection bits. Table X. Register Selection Table A3 A2 A1 A0 Register 0000Communications Register during a Write Operation 0000 Status Register during a Read Operation 0001Mode Register 0010Main ADC Control Register (AD0CON) 0011Aux ADC Control Register (AD1CON) 0100Filter Register 0101Main ADC Data Register 0110Aux ADC Data Register 0111I/O Control Register 1000Main ADC Offset Calibration Register 1001Aux ADC Offset Calibration Register 1010Main ADC Gain Calibration Register 1011Aux ADC Gain Calibration Register 1100Test 1 Register 1101Test 2 Register 1110Undefined 1111ID Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |