Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7719 Datasheet HTML 26Page - Analog Devices AD7719 Datasheet HTML 27Page - Analog Devices AD7719 Datasheet HTML 28Page - Analog Devices AD7719 Datasheet HTML 29Page - Analog Devices AD7719 Datasheet HTML 30Page - Analog Devices AD7719 Datasheet HTML 31Page - Analog Devices AD7719 Datasheet HTML 32Page - Analog Devices AD7719 Datasheet HTML 33Page - Analog Devices AD7719 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
REV. 0
AD7719
–30–
AD7719-to-ADSP-2103/ADSP-2105 Interface
Figure 14 shows an interface between the AD7719 and the
ADSP-2103/ADSP-2105 DSP processor. In the interface shown,
the RDY bits of the Status Register are again monitored to
determine when the Data Register is updated. The alternative
scheme is to use an interrupt-driven system, in which case the
RDY output is connected to the IRQ2 input of the ADSP-2103/
ADSP-2105. The serial interface of the ADSP-2103/ADSP-2105
is set up for alternate framing mode. The
RFS and TFS pins
of the ADSP-2103/ADSP-2105 are configured as active low
outputs and the ADSP-2103/ADSP-2105 serial clock line, SCLK,
is also configured as an output. The
CS for the AD7719 is active
when either the
RFS or TFS outputs from the ADSP-2103/
ADSP-2105 are active. The serial clock rate on the ADSP-2103/
ADSP-2105 should be limited to 3 MHz to ensure correct opera-
tion with the AD7719.
RESET
DVDD
CS
AD7719
SCLK
SCLK
DT
DR
RFS
TFS
ADSP-2103 /
ADSP-2105
DIN
DOUT
Figure 14. AD7719-to-ADSP-2103/ADSP-2105 Interface
CIRCUIT DESCRIPTION
The AD7719 is a sigma-delta A/D converter incorporating two
independent sigma-delta A/D converters with on-chip digital
filtering, intended for the measurement of wide dynamic range,
low frequency signals such as those in weigh scale, pressure,
temperature, industrial control or process control applications.
The main ADC is intended to convert the primary sensor input.
The main ADC employs a sigma-delta conversion technique to
realize up to 24 bits of no-missing-codes performance. The
sigma-delta modulator converts the sampled input signal into a
digital pulse train whose duty cycle contains the digital informa-
tion. A Sinc
3 programmable low-pass filter is then employed to
decimate the modulator output data stream to give a valid data
conversion result at programmable output rates from 5.35 Hz
(186.77 ms) to 105.03 Hz (9.52 ms). A Chopping scheme is
also employed to minimize ADC offset and offset and gain drift
errors. The analog input to the main ADC can be operated in
buffered or unbuffered mode and can be programmed for one of
eight input ranges from
±20 mV to ±2.56 V. The input channels
can be configured for either fully differential inputs or pseudo-
differential input channels via the CH1 and CH0 bits in the
main ADC control register (AD0CON) and the CHCON bit in
the mode register. When configured for buffered mode (
BUF = 0)
the input channels are internally buffered allowing the part to
handle significant source impedances on the analog input,
allowing R/C filtering (for noise rejection or RFI reduction) to
be placed on the analog inputs if required. When operating in
unbuffered mode, care has to be exercised when selecting front
end source impedances so as not to introduce gain errors. On-
chip burnout currents are available and can be used to check
that a transducer on the selected channel is still operational
before attempting to take measurements.
The second or auxiliary ADC is intended to convert secondary
inputs such as those from a cold junction diode or thermistor.
This ADC is unbuffered and has a fixed input range of 0 V
to REFIN2 (ARN bit = 1) or 0 to REFIN2/2 (ARN bit = 0).
Again, this ADC can be configured for differential or pseudo
differential inputs via the ACH2, ACH1, and ACH0 bits in the
auxiliary ADC control register (AD1CON). The auxiliary ADC
is specified for 16-bit performance and, since its analog inputs
are unbuffered, care must be exercised when placing filtering on
the front end to avoid introducing gain errors into the measure-
ment system.
The basic connection diagram for the AD7719 is shown in
Figure 15. This shows both the AVDD and DVDD pins of the
AD7719 being driven from the analog 5 V supply. Some appli-
cations will have AVDD and DVDD driven from separate supplies.
AVDD and DVDD can be operated independently of each other,
allowing the device to be operated with 5 V analog supply and
3 V digital supply or vice versa. An AD780/REF195, precision
2.5 V reference, provides the reference source for the part. A
quartz crystal or ceramic resonator provides the 32 kHz master
clock source for the part. In some cases, it will be necessary to
connect capacitors on the crystal or resonator to ensure that it
does not oscillate at overtones of its fundamental operating
frequency. The values of capacitors will vary depending on the
manufacturer’s specifications.
AD780/
REF195
XTAL1
XTAL2
RECEIVE
(READ)
P1/SW1
P2/SW2
P3
P4
0.1 F
10 F
ANALOG 5V
SUPPLY
GND
VIN
VOUT
PWRGND
AGND
DGND
0.1 F
10 F
0.1 F
AVDD
DVDD
IOUT1
IOUT2
AIN1
AIN2
AIN3
AIN4
AIN5
REFIN2
REFIN1(+)
REFIN1(–)
AIN6
RESET
CS
DOUT
DIN
SCLK
5V
CHIP
SELECT
SERIAL
DATA
(WRITE)
SERIAL
CLOCK
32kHz
CRYSTAL
ANALOG 5V
SUPPLY
AD7719
Figure 15. Basic Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com