Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7719 Datasheet HTML 30Page - Analog Devices AD7719 Datasheet HTML 31Page - Analog Devices AD7719 Datasheet HTML 32Page - Analog Devices AD7719 Datasheet HTML 33Page - Analog Devices AD7719 Datasheet HTML 34Page - Analog Devices AD7719 Datasheet HTML 35Page - Analog Devices AD7719 Datasheet HTML 36Page - Analog Devices AD7719 Datasheet HTML 37Page - Analog Devices AD7719 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
REV. 0
AD7719
–34–
Reference Detect
The AD7719 includes on-chip circuitry to detect if the part has
a valid reference on the main ADC for conversions or calibrations.
If the voltage between the external REFIN1(+) and REFIN1(–)
pins goes below 0.3 V or either the REFIN1(+) or REFIN1(–)
inputs are open circuit, the AD7719 detects that it no longer
has a valid reference. In this case, the NOXREF bit of the STA-
TUS register is set to a 1. If the AD7719 is performing normal
conversions and the NOXREF bit becomes active, the conver-
sion results revert to all 1s. Therefore, it is not necessary to
continuously monitor the status of the NOXREF bit when
performing conversions. It is only necessary to verify its sta-
tus if the conversion result read from the ADC Data Register
is all 1s. If the AD7719 is performing either an offset or gain
calibration and the NOXREF bit becomes active, the updating
of the respective calibration registers is inhibited to avoid
loading incorrect coefficients to these registers, and the ERR0
bit in the STATUS register is set. If the user is concerned
about verifying that a valid reference is in place every time a
calibration is performed, the status of the ERR0 bit should be
checked at the end of the calibration cycle.
Reset Input
The
RESET input on the AD7719 resets all the logic, the digi-
tal filter, and the analog modulator while all on-chip registers are
reset to their default state.
RDY is driven high and the AD7719
ignores all communications to any of its registers while the
RESET input is low. When the RESET input returns high, the
AD7719 operates with its default setup conditions and it is
necessary to set up all registers and carry out a system calibra-
tion if required after a
RESET command.
Power-Down Mode
Loading 0, 0, 0 to the MD2, MD1, MD0 bits in the ADC mode
register places the AD7719 in device power-down mode. Device
power-down mode is the default condition for the AD7719 on
power-up. Individual ADCs (main or auxiliary) can be put in
power-down mode using the AD0EN in the main ADC control
register (AD0CON) to power off the main ADC or the AD1EN
in the auxiliary ADC control register (AD1CON) to power off
the auxiliary ADC. The AD7719 retains the contents of all its
on-chip registers (including the data register) while in power-
down or ADC disable mode.
The device power-down mode does not affect the digital inter-
face, and it does affect the status of the
RDY pin. Putting the
AD7719 into power-down or idle mode will reset the
RDY line
high. Placing the part in power-down mode, reduces the total
current (AIDD + DIDD) to 31
µA max when the part is operated
a 5 V and the oscillator allowed to run during power-down mode.
With the oscillator shut down, the total IDD is 3
µA max at 3 V
and 9
µA max at 5 V.
Idle Mode
The AD7719 also contains an idle mode. The ADC defaults
to this mode on completion of a calibration sequence and on
the completion of a conversion when operating in single con-
version mode. In idle mode the power consumption of the
AD7719 is not reduced below the normal mode dissipation.
ADC Disable Mode
This mode is entered by setting both the AD0EN and AD1EN
bits in the Main and Max ADC control registers to 0 and set-
ting the Mode bits (MD2, MD1, MD0) in the Mode register to
non-0. In this Mode the internal PLL is enabled and the user
can activate the current sources and power switches but the
power consumption of the ADC is reduced as both ADCs are
disabled. In this mode the AIDD is reduced to 0.15 mA and the
DIDD is reduced to 0.35 mA max at 3 V and to 0.4 mA max with
DVDD = 5 V.
Calibration
The AD7719 provides four calibration modes that can be pro-
grammed via the mode bits in the mode register. One of the
major benefits of the AD7719 is that it is factory- calibrated as
part of the final test process with the generated coefficients
stored within the ADC. At power-on, the factory gain calibra-
tion coefficients are automatically loaded to the gain calibration
registers on the AD7719. Each ADC (primary and auxiliary) has
dedicated calibration register pairs as outlined in the AD0CON
and AD1CON register descriptions. Given that the ADC is
factory-calibrated and a chopping scheme is employed that gives
excellent offset and drift performance, it is envisaged that in the
majority of applications the user will not need to perform any
field calibrations.
However, the factory calibration values in the ADC calibration
registers will be overwritten if any one of the four calibration
options are initiated. Even though an internal offset calibration
mode is described below, it should be recognized that both
ADCs are chopped. This chopping scheme inherently minimizes
offset and means that an internal offset calibration should never
be required. Also, because factory 25
°C gain calibration coeffi-
cients are automatically present at power-on, an internal full-scale
calibration will only be required if the part is being operated at
temperatures significantly different from 25
°C or away from the
calibration conditions. The AD7719 offers “internal” or “sys-
tem” calibration facilities. For full calibration to occur on the
selected ADC, the calibration logic must record the modulator
output for two different input conditions. These are “zero-scale”
and “full-scale” points derived by performing a conversion on
the different input voltages provided to the input of the modula-
tor during calibration. The result of the “zero-scale” calibration
conversion is stored in the Offset Calibration Registers for the
appropriate ADC. The result of the “full-scale” calibration
conversion is stored in the Gain Calibration Registers for the
appropriate ADC. With these readings, the calibration logic can
calculate the offset and the gain slope for the input-to-output
transfer function of the converter.
During an “internal” zero-scale or full-scale calibration, the
respective “zero” input and “full-scale” input are automatically
connected to the ADC input pins internally to the device. A
“system” calibration, however, expects the system zero-scale
and system full-scale voltages to be applied to the external ADC
pins before the calibration mode is initiated. In this way external
ADC errors are taken into account and minimized as a result of
system calibration. It should also be noted that to optimize
calibration accuracy, all AD7719 ADC calibrations are auto-
matically carried out at the slowest update rate.
Internally in the AD7719, the coefficients are normalized before
being used to scale the words coming out of the digital filter. The
offset calibration coefficient is subtracted from the result prior
to the multiplication by the gain coefficient.
From an operational point of view, a calibration should be treated
like another ADC conversion. A zero-scale calibration (if required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com