| Electronic Components Datasheet Search |
|
AD7719 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7719 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 40 page ![]() REV. 0 AD7719 –22– Operating Characteristics when Addressing the Mode and Control Registers 1. Any change to the MD bits will immediately reset both ADCs. A write to the MD2–0 bits with no change is also treated as a reset. (See exception to this in Note 3.) 2. If AD0CON is written when AD0EN = 1, or if AD0EN is changed from 0 to 1, both ADCs are also immediately reset. In other words, the Main ADC is given priority over the Aux ADC and any change requested on main is immediately responded to. 3. On the other hand, if AD1CON is written to only the Aux ADC is reset. For example, if the Main ADC is continuously convert- ing when the Aux ADC change or enable occurs, the Main ADC continues undisturbed. Rather than allow the Aux ADC to operate with a phase difference from the Main ADC, the Aux ADC will fall into step with the outputs of the Main ADC. The result is that the first conversion time for the Aux channel will be delayed up to three outputs while the Aux ADC update rate is synchronized to the Main ADC. 4. Once the MODE has been written with a calibration mode, the RDY0/1 bits (STATUS) are immediately reset and the calibration commences. On completion the appropriate calibration registers are written, the relevant bits in STATUS are written, and the MD2–0 bits are reset to 001 to indicate the ADC is back in Idle Mode. 5. Any calibration request of the Aux ADC while the temperature sensor is selected will fail to complete. 6. Calibrations are performed with the maximum allowable SF value. SF register is reset to user configuration after calibration. Main ADC Control Register (AD0CON): (A3, A2, A1, A0 = 0, 0, 1, 0; Power-On Reset = 07 Hex) The Main ADC control Register is an 8-bit register from which data can be read or to which data can be written. This register is used to configure the Main ADC for range, channel selection, 16-/24-bit operation and unipolar or bipolar coding. Table XIII outlines the bit designations for the Main ADC control register. AD0CON7 through AD0CON0 indicate the bit location, AD0CON denoting the bits are in the Main ADC Control Register. AD0CON7 denotes the first bit of the data stream. The number in brackets indicates the power-on/reset default status of that bit. Table XIII. Main ADC Control Register (AD0CON) Bit Designations Bit Bit Location Name Description AD0CON7 AD0EN Main ADC Enable Bit. Set by user to enable the Main ADC. When set the Main ADC operates according to the MD bits in the mode register. Cleared by the user to power down the Main ADC. AD0CON6 WL 16-/24-Bit Operating Mode. Set by user to enable 16-bit mode. The conversion results from the Main ADC will be rounded to 16 bits and the Main ADC data register will be 16 bits wide. Cleared by user to enable 24-bit mode. The conversion results from the Main ADC will be rounded to 24 bits and the Main ADC data register will be 24 bits wide. AD0CON5 CH1 Main ADC Channel Selection Bits. AD0CON4 CH0 Written by the user to select the differential input pairs used by the Main ADC as follows: Note: The CHCON bit resides in the MODE register. CHCON CH1 CH0 Positive Input Negative Input Calibration Register Pair 0 0 0 AIN1 AIN2 0 0 0 1 AIN3 AIN4 1 0 1 0 AIN2 AIN2 0 0 1 1 AIN3 AIN2 1 1 0 0 AIN1 AIN4 0 1 0 1 AIN3 AIN4 1 1 1 0 AIN4 AIN4 0 1 1 1 AIN2 AIN4 2 AD0CON7 AD0CON6 AD0CON5 AD0CON4 AD0CON3 AD0CON2 AD0CON1 AD0CON0 AD0EN (0) WL (0) CH1 (0) CH0 (0) U/B (0) RN2 (1) RN1 (1) RN0 (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |