Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 1 Page - Analog Devices

  AD7719 Datasheet HTML 1Page - Analog Devices AD7719 Datasheet HTML 2Page - Analog Devices AD7719 Datasheet HTML 3Page - Analog Devices AD7719 Datasheet HTML 4Page - Analog Devices AD7719 Datasheet HTML 5Page - Analog Devices AD7719 Datasheet HTML 6Page - Analog Devices AD7719 Datasheet HTML 7Page - Analog Devices AD7719 Datasheet HTML 8Page - Analog Devices AD7719 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. 0
a
AD7719
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
Low Voltage, Low Power,
Factory-Calibrated 16-/24-Bit Dual - ADC
FEATURES
HIGH RESOLUTION
-
ADCs
Two Independent ADCs (16- and 24-Bit Resolution)
Factory-Calibrated (Field Calibration Not Required)
Output Settles in One Conversion Cycle (Single
Conversion Mode)
Programmable Gain Front End
Simultaneous Sampling and Conversion of Two
Signal Sources
Separate Reference Inputs for Each Channel
Simultaneous 50 Hz and 60 Hz Rejection at 20 Hz
Update Rate
ISOURCE SelectTM
24-Bit No Missing Codes—Main ADC
13-Bit p-p Resolution @ 20 Hz, 20 mV Range
18-Bit p-p Resolution @ 20 Hz, 2.56 V Range
INTERFACE
3-Wire Serial
SPITM, QSPITM, MICROWIRETM and DSP-Compatible
Schmitt Trigger on SCLK
POWER
Specified for Single 3 V and 5 V Operation
Normal: 1.5 mA Typ @ 3 V
Power-Down: 10
A (32 kHz Crystal Running)
ON-CHIP FUNCTIONS
Rail-Rail Input Buffer and PGA
4-Bit Digital I/O Port
On-Chip Temperature Sensor
Dual Switchable Excitation Current Sources
GENERAL DESCRIPTION
The AD7719 is a complete analog front end for low frequency
measurement applications. It contains two high resolution sigma-
delta ADCs, switchable matched excitation current sources,
low-side power switches, digital I/O port, and temperature
sensor. The 24-bit main channel with PGA accepts fully differen-
tial, unipolar, and bipolar input signal ranges from 1.024
×
REFIN1/128 to 1.024
× REFIN1. Signals can be converted
directly from a transducer without the need for signal condi-
tioning. The 16-bit auxiliary channel has an input signal range
of REFIN2 or REFIN2/2.
The device operates from a 32 kHz crystal with an on-chip
PLL generating the required internal operating frequency. The
output data rate from the part is software programmable. The
peak-to-peak resolution from the part varies with the programmed
gain and output data rate.
The part operates from a single 3 V or 5 V supply. When oper-
ating from 3 V supplies, the power dissipation for the part is
4.5 mW with both ADCs enabled and 2.85 mW with only the
main ADC enabled in unbuffered mode. The AD7719 is housed
in 28-lead SOIC and TSSOP packages.
Low-Side Power Switches
Reference Detect Circuit
APPLICATIONS
Sensor Measurement
Temperature Measurement
Pressure Measurements
Weigh Scales
Portable Instrumentation
4–20 mA Transmitters
ISOURCE Select is a trademark of Analog Devices.
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
FUNCTIONAL BLOCK DIAGRAM
MUX
AVDD
IEXC1
200 A
IEXC2
200 A
AVDD
AGND
BUF
PGA
MUX1
TEMP
SENSOR
I/O PORT
AVDD
MAIN CHANNEL
24-BIT
-
ADC
AUXILIARY CHANNEL
16-BIT
-
ADC
REFERENCE
DETECT
OSC. AND
PLL
SERIAL
INTERFACE
AND
CONTROL
LOGIC
DVDD
DGND
IOUT1
IOUT2
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AVDD
AGND
REFIN2
PWRGND
P1/SW1 P2/SW2 P3
P4
DOUT
DIN
SCLK
CS
RDY
RESET
XTAL1
XTAL2
REFIN1(+)
REFIN1(–)
AD7719
MUX2


Similar Part No. - AD7719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
AD7719BRZ AD-AD7719BRZ Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
AD7719 AD-AD7719_15 Datasheet
515Kb / 40P
Low Voltage, Low Power
REV. A
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
More results

Similar Description - AD7719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
MAX1462 MAXIM-MAX1462 Datasheet
242Kb / 16P
Low-Voltage, Low-Power, 16-Bit Smart ADC
Rev 0; 10/00
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Linear Technology
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com