| Electronic Components Datasheet Search |
|
AD7719 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7719 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 40 page ![]() REV. 0 AD7719 –28– START POWER-ON/RESET FOR AD7719 CONFIGURE AND INITIALIZE C/ P SERIAL PORT WRITE TO THE COMMUNICATIONS REGISTER SELECTING NEXT OPERATION TO BE A WRITE TO THE IOCON REGISTER WRITE TO THE IOCON REGISTER TO CONFIGURE THE CURRENT SOURCES, DIGITAL I/O PORT, AND POWER SWITCHES WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE FILTER REGISTER WRITE TO FILTER REGISTER CONFIRMING THE REQUIRED UPDATE RATE WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE AUX CHANNEL ADC CONTROL REGISTER (AD1CON) WRITE TO AD1CON REGISTER ENABLING THE AUX ADC, SELECT THE INPUT CHANNEL BIPOLAR/ UNIPOLAR OPERATION AND INPUT RANGE WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MAIN CHANNEL ADC CONTROL REGISTER (AD0CON) WRITE TO AD1CON REGISTER ENABLING THE MAIN ADC, SELECT THE INPUT CHANNEL, WORD LENGTH, BIPOLAR/UNIPOLAR OPERATION, AND INPUT RANGE WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MODE REGISTER WRITE TO MODE REGISTER SELECTING ZERO-SCALE CALIBRATION HARDWARE POLLING SOFTWARE POLLING HARDWARE POLLING POLL RDY PIN RDY LOW? NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MODE REGISTER WRITE TO MODE REGISTER SELECTING FULL-SCALE CALIBRATION POLL RDY PIN RDY LOW? NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MODE REGISTER WRITE TO MODE REGISTER SELECTING CONTINUOUS CONVERSION MODE WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE MAIN ADC DATA REGISTER (AD0) POLL RDY PIN RDY LOW? NO YES READ FROM DATA REGISTER (AD0) POLL RDY PIN RDY LOW? NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE AUX ADC DATA REGISTER (AD1) READ FROM DATA REGISTER (AD0) SOFTWARE POLLING WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE MODE REGISTER READ FROM MODE REGISTER MD BITS = 001 NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MODE REGISTER WRITE TO MODE REGISTER SELECTING FULL-SCALE CALIBRATION WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE MODE REGISTER READ FROM MODE REGISTER MD BITS = 001 NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MODE REGISTER WRITE TO MODE REGISTER SELECTING CONTINUOUS CONVERSION MODE WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A WRITE TO THE MODE REGISTER WRITE TO MODE REGISTER SELECTING CONTINUOUS CONVERSION MODE WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ OF STATUS REGISTER READ STATUS REGISTER RDY0 = 1 NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ OF THE MAIN ADC DATA REGISTER (AD0) READ AD0 WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ OF STATUS REGISTER READ STATUS REGISTER RDY1 = 1 NO YES WRITE TO THE COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ OF THE AUX ADC DATA REGISTER (AD1) READ AD1 Figure 11. Flowchart for Initializing, Calibrating, and Reading Data from the AD7719 Main and Aux Channels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |