Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7719 Datasheet HTML 27Page - Analog Devices AD7719 Datasheet HTML 28Page - Analog Devices AD7719 Datasheet HTML 29Page - Analog Devices AD7719 Datasheet HTML 30Page - Analog Devices AD7719 Datasheet HTML 31Page - Analog Devices AD7719 Datasheet HTML 32Page - Analog Devices AD7719 Datasheet HTML 33Page - Analog Devices AD7719 Datasheet HTML 34Page - Analog Devices AD7719 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
REV. 0
AD7719
–31–
Analog Input Channels
The main ADC has four associated analog input pins (labeled
AIN1 to AIN4) which can be configured as two fully differential
input channels or three pseudo-differential input channels.
Channel selection bits CHI and CH0 in the ADC0CON
register, along with the CHCON bit of the mode register,
detail the different configurations.
The auxiliary ADC has four external input pins (labeled AIN3
to AIN6) as well as an internal connection to the internal on-chip
temperature sensor. Channel selection bits ACH2, ACH1, and
ACH0 in the ADC1CON register, along with the CHCON
bit in the mode register, detail the various configurations on
these input channels.
Two input multiplexers (MUX1 and MUX2) switch the selected
input channel to the on-chip buffer amplifier in the case of the
main ADC when operated in buffered mode, and directly to the
sigma-delta modulator input in the case of the auxiliary ADC
and when the main ADC is operated in unbuffered mode. When
the analog input channel is switched, the settling time of the part
must elapse before a new valid word is available from the ADC.
Figure 16 shows the analog input channel configurations avail-
able to the user when the CHCON bit in the mode register is set
to a zero. In this case the main ADC can be configured as one
or two fully differential input channels (AIN1/AIN2 and AIN3/
AIN4) and the aux can be configured as two single-ended inputs
with respect to AGND (AIN3/AGND and AIN4/AGND) and
one fully differential input AIN5/AIN6). The aux can also be
configured as three single-ended inputs with respect to AGND
(AIN3/AGND, AIN4/AGND and AIN5/AGND) by tying AIN6
externally to AGND. The temp sensor is available as an internal
connection.
SINGLE-
ENDED
INPUT
SINGLE-
ENDED
INPUT
FULLY DIFFERENTIAL
FULLY DIFFERENTIAL
FULLY DIFFERENTIAL
AIN(+)
AIN(–)
AIN(+)
AIN(–)
AIN1
AIN2
AIN3
AIN4
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN3
AIN4
AGND
MUX1
(MAIN ADC)
(AUX ADC)
AIN5
AIN6
MAIN CHANNEL
AUX CHANNEL
MUX2
Figure 16. Input Channel Configurations with CHCON = 0
Figure 17 shows the analog input channel configurations avail-
able to the user when the CHCON bit in the mode register is
set to a one. In this case the main ADC is configured as three
pseudo-differential input channels (AIN1/AIN4, AIN2/AIN4,
and AIN3/AIN4) and the aux can be configured as two single-
ended inputs with respect to AGND (AIN5/AGND and AIN6/
AGND) and one fully differential input AIN5/AIN6). The temp
sensor is available as an internal connection.
SINGLE-
ENDED
INPUT
FULLY DIFFERENTIAL
AIN(+)
AIN(–)
AIN(+)
AIN(–)
AIN1
AIN2
AIN3
AIN4
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN3
AIN4
AGND
MUX1
(MAIN ADC)
(AUX ADC)
AIN5
AIN6
SINGLE-
ENDED
INPUT
AIN3/AIN4
AIN2/AIN4
AIN1/AIN4
MUX2
MAIN CHANNEL
AUX CHANNEL
PSEUDO-
DIFFERENTIAL
INPUT
PSEUDO-
DIFFERENTIAL
INPUT
Figure 17. Input Channel Configurations with CHCON = 1
In buffered mode (
BUF = 0), the output of the main ADC multi-
plexer feeds into a high-impedance input stage of the buffer
amplifier. As a result, the main ADC inputs can handle significant
source impedances and are tailored for direct connection to
external resistive-type sensors like strain gages or Resistance
Temperature Detectors (RTDs).
The auxiliary ADC and the main ADC when operated with
BUF = 1, however, are unbuffered resulting in higher analog
input current. It should be noted that these unbuffered input
paths provide a dynamic load to the driving source. Therefore,
resistor/capacitor combinations on the input pins can cause dc
gain errors depending on the output impedance of the source
that is driving the ADC inputs. Table XVIII and XIX show the
allowable external resistance/capacitance values for unbuffered
mode such that no gain error at the 16- and 20-bit level respectively
is introduced.
The absolute input voltage range on the main ADC when oper-
ated in buffered mode is restricted to a range between AGND +
100 mV and AVDD – 100 mV. Care must be taken in setting up
the common-mode voltage and input voltage range so that these
limits are not exceeded; otherwise there will be a degradation in
linearity and noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com