Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 122 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 122 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 126Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
122
DEFAULT SEQUENCES
When the WM8903 is powered up, two Control Write Sequences are available through default
settings in both RAM and ROM memory locations. The purpose of these sequences, and the register
write required to initiate them, is summarised in Table 78. In both cases, a single register write will
initiate the sequence.
WSEQ START
INDEX
WSEQ FINISH
INDEX
PURPOSE
TO INITIATE
0 (00h)
29 (1Dh)
Start-Up sequence
Write 0100h to
Register R111 (6Fh)
32 (20h)
48 (30h)
Shutdown sequence
Write 0120h to
Register R111 (6Fh)
Table 78 Write Sequencer Default Sequences
Note on Shut-Down sequence: The instruction at Index Address 32 (20h) shorts the outputs
LINEOUTL and LINEOUTR. If the Line outputs are not in use at the time the sequence is run, then
the sequence could, instead, be started at Index Address 33.
Index addresses 0 to 31 may be programmed to users’ own settings at any time, as described in
“Programming a Sequence” Users’ own settings remain in memory and are not affected by software
resets (i.e. writing to Register R0). However, any non-default sequences are lost when the device is
powered down.
START-UP SEQUENCE
The Start-up sequence is initiated by writing 0100h to Register R111 (6Fh). This single operation
starts the Control Write Sequencer at Index Address 0 (00h) and executes the sequence defined in
Table 79.
For typical clocking configurations with MCLK=12.288MHz, this sequence takes approximately 425ms
to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
0 (00h)
R4 (04h)
5 bits
Bit 0
1Ah
0h
0b
POBCTRL = 1
ISEL [1:0] = 10b
STARTUP_BIAS_ENA = 1
BIAS_ENA = 0
(delay = 0.5625ms)
1 (01h)
R65 (41h)
1 bit
Bit 1
01h
9h
0b
SPK_DISCHARGE = 1
(delay = 32.5ms)
2 (02h)
R17 (11h)
2 bits
Bit 0
03h
0h
0b
SPKL_ENA = 1
SPKR_ENA = 1
(delay = 0.5625ms)
3 (03h)
R65 (41h)
1 bit
Bit 1
00h
0h
0b
SPK_DISCHARGE = 0
(delay = 0.5625ms)
4 (04h)
R5 (5h)
8 bits
Bit 0
F7h
Bh
0b
VMID_TIE_ENA = 1
BUFIO_ENA = 1
VMID_IO_ENA = 1
VMID_SOFT = 10
VMID_RES = 11
VMID_BUF_ENA = 1
(delay = 128.5ms)
5 (05h)
R17 (11h)
2 bits
Bit 0
00h
0h
0b
SPKL_ENA = 0
SPKR_ENA = 0
(delay = 0.5625ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com