Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 9 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 5Page - Intel Corporation 82575EB Datasheet HTML 6Page - Intel Corporation 82575EB Datasheet HTML 7Page - Intel Corporation 82575EB Datasheet HTML 8Page - Intel Corporation 82575EB Datasheet HTML 9Page - Intel Corporation 82575EB Datasheet HTML 10Page - Intel Corporation 82575EB Datasheet HTML 11Page - Intel Corporation 82575EB Datasheet HTML 12Page - Intel Corporation 82575EB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Manageability Features — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
9
2.5
Manageability Features
Advanced packet filtering
• 16 exact matched packets (unicast or multicast)
• 4096-bit hash filter for multicast frames
• Promiscuous (unicast and multicast) transfer mode support
• Optional filtering of invalid frames
IEEE 802.1q VLAN support with VLAN tag insertion, stripping
and packet filtering for up to 4096 VLAN tags
• Ability to create multiple virtual LAN segments
Double Vlan
• Insert in Tx and extract in Rx
Descriptor ring management hardware for transmit and receive
• Optimized fetching and write-back mechanisms for efficient
system memory and PCI bandwidth usage
9.5 kByte jumbo frame support
• High throughput for large data transfers on networks
supporting jumbo frames
Receive Side Scaling (RSS)
• Multiple Rx queues
VMDq
• Virtualization environment. In this environment, packets
dedicated to different virtual machines can be routed to
different queues, thus easing the routing of these packets
to the target machine.
Direct Cache Access (DCA)
• The IO device activates a pre-fetch engine in the CPU that
loads the data into the CPU cache ahead of time, before
use, eliminating cache misses and reducing CPU load.
Fragmented UDP checksum offload for packet reassembly
•
Features
Benefits
Advance Pass Through-compatible management packet Tx/Rx
support
Alert on LAN 2.0
Both ports support Wake on LAN (WoL)
SMBus port
Network management flexibility
NC-SI high-bandwidth interface
Manageability DMTF preOS sideband protocol support
On-board microcontroller
Promotes customized designs
Allows packets routing to and from either LAN port and a
server management processor
Preboot eXecution Environment (PXE) Flash interface support
(32-bit and 64-bit)
Local Flash interface for PXE image
iSCSI Boot
Network Management Feature
Compliance with PCI Power Management 1.1 and ACPI 2.0
register set compliant including:
• D0 and D3 power states
• Network Device Class Power Management Specification 1.1
PCI power management capability requirements for PC and
embedded applications
SNMP and RMON statistic counters
Easy system monitoring with industry standard consoles
SDG 3.0, WfM 3.0, and PC2001 compliance
Remote network management capabilities through DMI 2.0
and SNMP software
Watchdog Timer
Used to give an indication to the manageability firmware or
external devices that the 82575EB or the driver is not
functioning.
SGMII interface for embedded applications with an I2C or
MDC/MDIO control interface.
Ease of embedded designs
Features
Benefits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com