Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 46 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation 82575EB Datasheet HTML 44Page - Intel Corporation 82575EB Datasheet HTML 45Page - Intel Corporation 82575EB Datasheet HTML 46Page - Intel Corporation 82575EB Datasheet HTML 47Page - Intel Corporation 82575EB Datasheet HTML 48Page - Intel Corporation 82575EB Datasheet HTML 49Page - Intel Corporation 82575EB Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — Pull-up and Pull-down Specifications and Signals
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
46
January 2011
6.3
Pull-up and Pull-down Specifications and
Signals
Table 11.
Internal and External Pull-up and Pull-down Values
For external Pull-up requirements, see the 82575EB reference schematics.
The table below lists internal & external pull-up resistors and whether they are activated in the different
device states. Each internal PUP has a nominal value of 5k
, ranging from 2.7Kto 8.6K.
The device states are defined as follow:
• Power-up = while 3.3 V is stable, but not 1.0 V
• Active = normal mode (not power up nor disable)
• Disable = device disabled
Min
Nominal
Max
Units
PU (Internal)
2.7K
5K
8.6K
PU (External, recommended)
<3K
PD (External, reccommended)
<400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com