Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 57 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 57 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 53Page - Intel Corporation 82575EB Datasheet HTML 54Page - Intel Corporation 82575EB Datasheet HTML 55Page - Intel Corporation 82575EB Datasheet HTML 56Page - Intel Corporation 82575EB Datasheet HTML 57Page - Intel Corporation 82575EB Datasheet HTML 58Page - Intel Corporation 82575EB Datasheet HTML 59Page - Intel Corporation 82575EB Datasheet HTML 60Page - Intel Corporation 82575EB Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Mechanical Information — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
57
9.0
Mechanical Information
This section describes device physical characteristics.
The targeted signal names are subject to change without notice. Verify with your local Intel sales office
that you have the latest information before finalizing a design.
9.1
Targeted Package Information
The 82575EB device is a 576-lead flip-chip ball grid array (FC-BGA) measuring 25 mm by 25 mm. The
nominal ball pitch is 1 mm. See the data in the printouts below.
0.43 mm
Solder Resist Opening
0.62 mm
Metal Diameter
Detail Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com