Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 40 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 40 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 36Page - Intel Corporation 82575EB Datasheet HTML 37Page - Intel Corporation 82575EB Datasheet HTML 38Page - Intel Corporation 82575EB Datasheet HTML 39Page - Intel Corporation 82575EB Datasheet HTML 40Page - Intel Corporation 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation 82575EB Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — Thermal Information
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
40
January 2011
Table 6.
Power Supply Sequencing
Figure 2.
Voltage Power Sequencing Options
To meet the 375 mA inrush current requirements (not including external capacitors) the ramp time
should be 5 ms -100 ms on all power rails. For faster ramps (100 us - 5 ms), expect higher inrush
current due to the high charging current of the decoupling capacitors of 3.3 V, 1.8 V and 1.0 V rails.
5.3
Thermal Information
The 82575EB device is specified for operation when the ambient temperature (TA) is within the range of
0 °C to 55 °C. For information about the thermal characteristics of the device, including operation
outside this range, please refer to the 82575EB Thermal Application Note.
Symbol
Parameter
Min
Max
Unit
T3 18
VCC3p3 (3.3 V) stable to VCC1p8 stable
0
100
ms
T18 1
VCC1p8 stable to VCC (1.0 V) stable
0
ms
T3 1
VCC3p3 (3.3 V) stable to VCC (1.0 V) stable
0
100
mV
Tm-per, Tm-ppo
3.3 V core to GIO_PWR_GOOD and MAIN_PWR_OK
on
TBD
ms
Tper-m, Tppo-m
GIO_PWR_GOOD, MAIN_PWR_OK off before 3.3 V
core down
0ms
VCC1p8 (1.8V)
Power-on Reset
(internal)
VCCP (3.3V)
Aux power stable
Main power stable
Tlpg
Tlpg-per
MAIN_PWR_OK
Tm-per
Tm-ppo
Main Power stable
Tper-m
Tppo-m
VCC/VCC1p0(1V)
T3_18
T18_1
GIO_PWR_GOOD
T3_1
Tlpgw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com