Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 42 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 42 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 38Page - Intel Corporation 82575EB Datasheet HTML 39Page - Intel Corporation 82575EB Datasheet HTML 40Page - Intel Corporation 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation 82575EB Datasheet HTML 44Page - Intel Corporation 82575EB Datasheet HTML 45Page - Intel Corporation 82575EB Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — DC Specifications
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
42
January 2011
Table 9.
Open Drain I/O
Notes:
1. Applies to SMBD0, SMBCLK0, , SMBALRT _N, PE_WAKE_n, SFP1_I2C_Data, SFP0_I2C_Data pads.
2. Device meets this whether powered or not.
3. Characterized, not tested.
4. OD no high output drive. VOL max=0.4V at 14mA, VOL max=0.2V at 0.1mA
Symbol
Parameter
Condition
Min
Max
Units
Note
VCC3P3
Periphery supply
3.0
3.6
V
VCC
Core supply
0.9
1.32
V
Vih
Input High Voltage
2.1
V
Vil
Input Low Voltage
0.8
V
Ileakage
Output Leakage
Current
0 < Vin < VCC3P3
+/-10
ìA
2
Vol
Output Low Voltage
@ Ipullup
0.4
V
4
Ipullup
Current sinking
Vol=0.4V
4
mA
Cin
Input Pin Capacitance
7
pF
3
Cout
Output Pin Capacitance
30
pF
3
Ioffsmb
Input leakage current
VCC3P3 off or floating
+/-10
ìA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com