Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 16 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 12Page - Intel Corporation 82575EB Datasheet HTML 13Page - Intel Corporation 82575EB Datasheet HTML 14Page - Intel Corporation 82575EB Datasheet HTML 15Page - Intel Corporation 82575EB Datasheet HTML 16Page - Intel Corporation 82575EB Datasheet HTML 17Page - Intel Corporation 82575EB Datasheet HTML 18Page - Intel Corporation 82575EB Datasheet HTML 19Page - Intel Corporation 82575EB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — Serializer/Deserializer Signals
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
16
January 2011
3.11
Serializer/Deserializer Signals
3.12
Test Interface Signals
Note:
Pull-up resistors are needed on these signals as shown in the reference schematic.
MDI0_P_2
MDI0_N_2
MDI1_P_2
MDI1_N_2
A
Media Dependent Interface [2]
1000BASE-T: In MDI configuration, MDIp2/MDIn2 corresponds to BI_DC+/-, and in
MDI-X configuration, MDIp2/MDIn2 corresponds to BI_DD+/-.
100BASE-TX: Unused.
10BASE-T: Unused.
MDI0_P_3
MDI0_N_3
MDI1_P_3
MDI1_N_3
A
Media Dependent Interface [3]
1000BASE-T: In MDI configuration, MDIp3/MDIn3 corresponds to BI_DD+/-, and in
MDI-X configuration, MDIp3/MDIn3 corresponds to BI_DC+/-.
100BASE-TX: Unused.
10BASE-T: Unused.
Symbol
Type
Name and Function
SRDSI_0_P
SRDSI_0_N
SRDSI_1_P
SRDSI_1_N
AI
SERDES Receive Pairs A and B
These signals make the differential receive pair for the 1.25 GHz serial interface. For
serializer/deserializer operation, the inputs should be coupled to ECL voltage levels. If the
SERDES interface is not used, these pins should not be connected.
SRDSO_0_P
SRDSO_0_N
SRDSO_1_P
SRDSO_1_N
AO
SERDES Transmit Pairs A and B
These signals make the differential transmit pair for the 1.25 GHz serial interface. For
serializer/deserializer operation, the outputs drive the LVPECL voltage levels. If the SERDES
interface is not used, these pins should not be connected.
SRDS0_SIG_DET/
SRDS1_SIG_DET
I
Signal Detects A and B
These pins indicate whether the SERDES signals (connected to the 1.25 GHz serial interface)
have been detected by the optical transceivers. If the SERDES interface is not used with
copper media, these can be left with no connection (NC). If the SERDES interface is not used
with fiber media, the SIG_DET inputs should be tied high to VCC.
SER_RCOMP
A
SERDES Impedance Compensation. Connect the recommended resistor (1.4K from this
ball to ground.
SFP0_I2C_CLK
O
Port 0 SFP I2C clock. Connects to Mod-Def1 input of SFP. Can also be used as MDC pin.
SFP0_I2C_DATA
TS/
OD
Port 0 SFP I2C data. Connects to Mod-Def2 pin of SFP. Can also be used as MDIO pin
SFP1_I2C_CLK
O
Port 1 SFP I2C clock. Connects to Mod-Def1 input of SFP. Can also be used as MDC pin.
SFP1_I2C_DATA
TS/
OD
Port 1 SFP I2C data. Connects to Mod-Def2 pin of SFP. Can also be used as MDIO pin
Symbol
Type
Name and Function
JTCK
I
JTAG Test Access Port Clock
JTDI
I
JTAG Test Access Port Test Data In
Symbol
Type
Name and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com