Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 5 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 5 Page - Intel Corporation

  82575EB Datasheet HTML 1Page - Intel Corporation 82575EB Datasheet HTML 2Page - Intel Corporation 82575EB Datasheet HTML 3Page - Intel Corporation 82575EB Datasheet HTML 4Page - Intel Corporation 82575EB Datasheet HTML 5Page - Intel Corporation 82575EB Datasheet HTML 6Page - Intel Corporation 82575EB Datasheet HTML 7Page - Intel Corporation 82575EB Datasheet HTML 8Page - Intel Corporation 82575EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Introduction — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
5
1.0
Introduction
The Intel® 82575EB Gigabit Ethernet Controller is a single, compact component with two fully
integrated Gigabit Ethernet Media Access Control (MAC) and physical layer (PHY) ports. The device uses
the PCI Express Base Specification, Rev.1.1RD.
The 82575EB provides a standard IEEE 802.3 Ethernet interface for 1000BASE-T, 100BASE-TX, and
10BASE-T applications (802.3z, 802.3u, and 802.3ab). Ports also contain a Serializer-Deserializer
(SERDES) to support 1000Base-SX/LX (optical fiber) and Gigabit backplane applications. In addition to
managing MAC and PHY Ethernet layer functions, the controller manages PCI Express packet traffic
across its transaction, link, and physical/logical layers. The SERDES can be used in SGMII mode to
connect to external PHY, either on-board or via the SFP connector.
The Intel 82575EB’s on-board System Management Bus (SMB) ports enable network manageability
implementations required by information technology personnel for remote control and alerting via the
LAN. With SMB, management packets can be routed to or from a management processor. Enhanced
pass-through capabilities also allow system remote control over standardized interfaces. Also included
is a new manageability interface, NC-SI that supports the DMTF preOS sideband protocol. An internal
management interface called MDIO enables the MAC (and software) to monitor and control the PHY.
Both ports support the Wake on LAN feature.
The 82575EB with PCI Express architecture is designed for high performance and low memory latency.
The device is optimized to connect to a system Memory Control Hub (MCH) using four PCI Express
lanes. Alternatively, the 82575EB can connect to an I/O Control Hub that has a PCI Express interface.
Wide internal data paths eliminate performance bottlenecks by efficiently handling large address and
data words. Combining a parallel and pipe-lined logic architecture optimized for Gigabit Ethernet and
independent transmit and receive queues, the 82575EB efficiently handles packets with minimum
latency. The 82575EB includes advanced interrupt handling features, including MSI-X support. The
82575EB uses efficient ring buffer descriptor data structures, with up to 64 packet descriptors cached
on chip. A large 48 KByte per port on-chip packet buffer maintains superior performance. In addition,
using hardware acceleration, the controller offloads tasks from the host, such as TCP/UDP/IP checksum
calculations and TCP segmentation.
The 82575EB operation can be configured using EEPROM and FLASH; it can be also be used in EEPROM-
less configurations.
The 82575EB is packaged in a 25mm X 25mm, 576-pin flip chip ball grid array (FCBGA).
1.1
Document Scope
This document contains targeted datasheet specifications for the 82575EB, including signal
descriptions, DC and AC parameters, packaging data, and pinout information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com