Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 56 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 52Page - Intel Corporation 82575EB Datasheet HTML 53Page - Intel Corporation 82575EB Datasheet HTML 54Page - Intel Corporation 82575EB Datasheet HTML 55Page - Intel Corporation 82575EB Datasheet HTML 56Page - Intel Corporation 82575EB Datasheet HTML 57Page - Intel Corporation 82575EB Datasheet HTML 58Page - Intel Corporation 82575EB Datasheet HTML 59Page - Intel Corporation 82575EB Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — LED Configuration
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
56
January 2011
8.0
LED Configuration
The 82575EB provides 4 LEDs per port that may be used to indicate the status of the traffic. The
default setup of the LEDs is done via the EEPROM words 1Ch and 1Fh. The default setup for both ports
is the same. This setup is reflected in the LEDCTL register of each port. Each driver may change its
setup individually. For each of the LEDs the following parameters can be defined:
1. Mode: Defines which information is reflected by this LED. The encoding is described in the LEDCTL
register.
2. Polarity: Defines the polarity of the LED.
3. Blink mode: should the LED blink or be stable.
In addition, the blink rate of all LEDs can be defined. The possible rates are 200 ms or 83 ms for each
phase. There is one rate for all LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com