Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 43 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 43 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 39Page - Intel Corporation 82575EB Datasheet HTML 40Page - Intel Corporation 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation 82575EB Datasheet HTML 44Page - Intel Corporation 82575EB Datasheet HTML 45Page - Intel Corporation 82575EB Datasheet HTML 46Page - Intel Corporation 82575EB Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
DC Specifications — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
43
Table 10.
Power Consumption
D0a--Active Link
@10 Mbps
@100 Mbps
@ 1000 Mbps
(copper)
@ 1000 Mbps
(SERDES)
Typ Icc (mA)1
1. Typical conditions: operating temperature (TA) = 25 C, nominal voltages and moderate network traffic at full duplex.
Typ Icc (mA)1
Typ Icc (mA)1
Max Icc (mA)1
Typ Icc (mA)1
Max Icc (mA)2
2. Maximum conditions: maximum operating temperature (TJ) values, typical voltage values and continuous network traffic at full
duplex.
3.3 V
18
18
18
23
19
19
1.8 V
344
312
841
856
142
203
1.0 V
304
388
856
1184
354
492
Total Device
Power
0.98 W
1.01 W
2.43 W
2.80 W
0.67 W
0.92 W
D0a--Idle Link
Unplugged--no link
LOs only
Typ Icc (mA)1
1. Typical conditions: room temperature (TA)=25C, nominal voltages and idle network (no traffic) at full duplex
3.3 V
18
1.8 V
129
1.0 V
264
Total Device Power2
2. Known errata on LOs & L1 states might impact devide power consumption
0.56
D0a--Idle Link
@10Mbps
LOs only
Typ Icc (mA)1
1. Typical conditions: room temperature (TA)=25C, nominal voltages and idle network (no traffic) at full duplex
3.3 V
18
1.8 V
140
1.0 V
302
Total Device Power2
2. Known errata on LOs & L1 states might impact devide power consumption
0.61 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com