Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 53 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 53 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 49Page - Intel Corporation 82575EB Datasheet HTML 50Page - Intel Corporation 82575EB Datasheet HTML 51Page - Intel Corporation 82575EB Datasheet HTML 52Page - Intel Corporation 82575EB Datasheet HTML 53Page - Intel Corporation 82575EB Datasheet HTML 54Page - Intel Corporation 82575EB Datasheet HTML 55Page - Intel Corporation 82575EB Datasheet HTML 56Page - Intel Corporation 82575EB Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
SMBus Interface — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
53
6.4.4
SMBus Interface
Table 17.
SMBus AC Characteristics (master mode)
Table 18.
SMBus AC Characteristics (slave mode)
Symbol
Parameter
Min
Typ
Max
Units
FSMB
SMBus Frequency
74.4
100
kHz
TBUF
Time between STOP and START condition driven
by the device
6.56
µs
THD:STA
Hold time after Start Condition. After this period,
the first clock is generated.
6.72
µs
TSU:STA
Start Condition setup time
µs
TSU:STO
Stop Condition setup time
6.88
µs
THD:DAT
Data hold time
0.48
µs
TTIMEOUT
Detect SMBClk low timeout
26.2
31.5
ms
TLOW
SMBClk low time
5.76
µs
THIGH
SMBClk high time
6.56
µs
Symbol
Parameter
Min
Typ
Max
Units
FSMB
SMBus Frequency
74.4
100
kHz
TBUF
Time between STOP and START condition driven
by the device
6.56
µs
THD:STA
Hold time after Start Condition. After this period,
the first clock is generated.
6.72
µs
TSU:STA
Start Condition setup time
TBD
µs
TSU:STO
Stop Condition setup time
6.88
µs
THD:DAT
Data hold time
0.48
µs
TTIMEOUT
Detect SMBClk low timeout
26.2
31.5
ms
TLOW
SMBClk low time
5.76
µs
THIGH
SMBClk high time
6.56
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com