Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 10Page - Intel Corporation 82575EB Datasheet HTML 11Page - Intel Corporation 82575EB Datasheet HTML 12Page - Intel Corporation 82575EB Datasheet HTML 13Page - Intel Corporation 82575EB Datasheet HTML 14Page - Intel Corporation 82575EB Datasheet HTML 15Page - Intel Corporation 82575EB Datasheet HTML 16Page - Intel Corporation 82575EB Datasheet HTML 17Page - Intel Corporation 82575EB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — LED Signals
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
14
January 2011
3.7
LED Signals
Note:
LED outputs are assumed to normally be connected to the negative side (cathode) of an
external LED.
EE_SK
TS
EEPROM Serial Clock
The EEPROM Shift Clock provides the clock rate for the SPI EEPROM interface, which is
approximately 2 MHz.
FLSH_CE_N
TS
FLASH Chip Enable Output.
Used to enable FLASH device.
FLSH_SCK
TS
FLASH Serial Clock Output.
FLSH_SI
TS
FLASH Serial Data Input.
This pin is an output to the memory device.
FLSH_SO
I
FLASH Serial Data Output
This pin is an input from the memory device.
Symbol
Type
Name and Function
LED0_0
O
LED0_0. Programmable LED output for Port A. As the Link LED, it indicates link connectivity on
Port A.
LED0_1
O
LED0_1. Programmable LED output for Port A. As the Activity LED, it flashes to indicate receive
activity on Port A for packets destined for this node.
LED0_2
O
LED0_2
Programmable LED output for Port A. As the Link 100 LED, it indicates link at 100 Mbps for Port A.
LED0_3
O
LED0_3
Programmable LED output for Port A. As the Link 1000 LED, it indicates link at 1000 Mbps for Port
A.
LED1_0
O
LED1_0.
Programmable LED output for Port B. As the Link LED, it indicates link connectivity on Port B.
LED1_1
O
LED1_1
Programmable LED output for Port B. As the Activity LED, it flashes to indicate receive activity on
Port B for packets destined for this node.
LED1_2
O
LED1_2
Programmable LED output for Port B. As the Link 100 LED, it indicates link at 100 Mbps for Port B.
LED1_3
O
LED1_3
Programmable LED output for Port B. As the Link 1000 LED, it indicates link at 1000 Mbps for Port
B.
Symbol
Type
Name and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com