Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 38 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 34Page - Intel Corporation 82575EB Datasheet HTML 35Page - Intel Corporation 82575EB Datasheet HTML 36Page - Intel Corporation 82575EB Datasheet HTML 37Page - Intel Corporation 82575EB Datasheet HTML 38Page - Intel Corporation 82575EB Datasheet HTML 39Page - Intel Corporation 82575EB Datasheet HTML 40Page - Intel Corporation 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Intel® 82575EB Gigabit Ethernet Controller — Targeted Recommended Operating Conditions
Intel® 82575EB Gigabit Ethernet Controller
317679-004
Datasheet
Revision: 2.11
38
January 2011
5.2
Targeted Recommended Operating
Conditions
5.2.1
General Operating Conditions
5.2.2
Voltage Ramp and Sequencing Recommendations
The following tables give the specifications for the power supply ramps:
Table 3.
3.3 V Supply Voltage Ramp
Table 2.
Recommended Operating Conditions 1
1. Sustained operation of the device at conditions exceeding these values, even if they are within the absolute maximum rating limits,
might result in permanent damage. Device functionality to stated DC and AC limits is not guaranteed, if conditions exceed
recommended operating conditions.
Symbol
Parameter
Min
Max
Unit
VCC(3.3)
DC supply voltage on 3.3 V pins
3.0
3.6
V
VCC(1.8)
DC supply voltage on 1.8 V pins
1.71
1.89
V
VCC(1.0)
DC supply voltage on 1.0 V pins
0.95
1.05
V
tR / tF
Input rise/fall time (normal input)
0
200
ns
Ta
Operating temperature range (ambient)
0
55
°C
TJ
Junction temperature
N/A
110
°C
Parameter
Description
Min
Max
Unit
Rise Time
Time from 10% to 90% mark
0.1
1001
1. Good design practices achieve voltage ramps to within the regulation bands in approximately 20 ms or less.
ms
Monotonicity
Voltage dip allowed in ramp
N/A
0
mV
Slope
Ramp rate at any time between 10% to 90%
24
28800
mV/ms
Operational
Range
Voltage range for normal operating
conditions
33.6
V
Ripple
Maximum voltage ripple at a bandwidth
equal to 50 MHz
N/A
70
mVpeak-peak
Ripple
Overshoot time upon ramp2
2. Excessive overshoot can affect long term reliability.
N/A
0.05
ms
Overshoot
Maximum voltage allowedb
N/A
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com