Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 55 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 55 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 51Page - Intel Corporation 82575EB Datasheet HTML 52Page - Intel Corporation 82575EB Datasheet HTML 53Page - Intel Corporation 82575EB Datasheet HTML 54Page - Intel Corporation 82575EB Datasheet HTML 55Page - Intel Corporation 82575EB Datasheet HTML 56Page - Intel Corporation 82575EB Datasheet HTML 57Page - Intel Corporation 82575EB Datasheet HTML 58Page - Intel Corporation 82575EB Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Crystal Requirements — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
55
7.0
Crystal Requirements
Table 20.
Reference Crystal Specification Requirements
Parameter Name
Symbol
Recommended Value
Conditions
Frequency
fo
25.000 [MHz]
@25 [°C]
Vibration mode
Fundamental
Cut
AT
Operating /Calibration Mode
Parallel
Frequency Tolerance @25°C
f/f
o @25°C
±30 [ppm]
@25 [°C]
Temperature Tolerance
f/f
o
±30 [ppm]
Operating Temperature
Topr
-20 to +70 [°C]
Non Operating Temperature Range
Topr
-40 to +90 [°C]
Equivalent Series Resistance (ESR)
Rs
50 [Ù] maximum
@25 [MHz]
Load Capacitance
Cload
20 [pF] (max 24pF)
Shunt Capacitance
Co
6 [pF] maximum
Pullability from Nominal Load Capacitance
f/C
load
15 [ppm/pF] maximum
Max Drive Level
DL
0.5 [
mW]
Insulation Resistance
IR
500 [M
] minimum
@ 100V DC
Aging
f/f
o
±5 [ppm/year[
Differential board capacitance*
CD
2 [pF]
Board Capacitance
Cs
4 [pF]
External Capacitors
C1, C2
27 [pF]
Board Resistance
Rs
0.1 [
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com