Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 41 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 37Page - Intel Corporation 82575EB Datasheet HTML 38Page - Intel Corporation 82575EB Datasheet HTML 39Page - Intel Corporation 82575EB Datasheet HTML 40Page - Intel Corporation 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation 82575EB Datasheet HTML 44Page - Intel Corporation 82575EB Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Electrical Specification — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
41
6.0
Electrical Specification
6.1
DC Specifications
Table 7.
DC Characteristics
Table 8.
I/O Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC(3.3)
DC supply voltage on 3.3 V
pins
3.00
3.30
3.60
V
VCC(1.8)
DC supply voltage on 1.8 V
pins
1.71
1.80
1.89
V
VCC(1.0)
DC supply voltage on 1.0 V
pins
0.95
1.00
1.08
V
Symbol
Parameter
Condition1
1. The input buffer also has hysteresis > 160 mV.
Min
Typ
Max
Units
VIH
Input high voltage
2.0
N/A
VCC(3.3)
+ 0.5
V
VIL
Input low voltage
-0.5
N/A
0.8
V
IIN
Input current
VIN = VDD(3.3) or VSS
-15
N/A
15
A
VOH
Output high voltage
IOH = -16 mA
VCC = Min
2.4
N/A
N/A
V
IOH = -100 A
VCC = Min
VCC - 0.02
N/A
N/A
VOL
Output low voltage
IOL = 14 mA
VCC = Min
N/A
N/A
0.4
V
IOL = 100 A
VCC = Min
N/A
N/A
0.2
IOZ
Off-state output leakage
current
VO = VCC or VSS
-10
N/A
10
A
CIN2
2. Cin= 2.5 pF(maximum input capacitance), Cout = 16 pF (characterized max output load capacitance per 160 MHz).
Input capacitance
N/A
2.5
N/A
pF
PU
Internal pull-up
2.6
N/A
5.5
k
VOS
Overshoot
N/A
N/A
4.0
V
VUS
Undershoot
N/A
N/A
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com