Electronic Components Datasheet Search
  English  ▼

X  

82575EB Datasheet(PDF) 51 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 51 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 47Page - Intel Corporation 82575EB Datasheet HTML 48Page - Intel Corporation 82575EB Datasheet HTML 49Page - Intel Corporation 82575EB Datasheet HTML 50Page - Intel Corporation 82575EB Datasheet HTML 51Page - Intel Corporation 82575EB Datasheet HTML 52Page - Intel Corporation 82575EB Datasheet HTML 53Page - Intel Corporation 82575EB Datasheet HTML 54Page - Intel Corporation 82575EB Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
FLASH Interface — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
51
6.4.2
FLASH Interface
Applicable over recommended operating range from Ta = -40C to +85C, VCC3P3 = 3.3 V, Cload = 1 TTL
Gate and 16 pF (unless otherwise noted)
Table 15.
FLASH Parameters
Figure 4.
FLASH Timing Diagram
Symbol
Parameter
Min
Typ
Max
Units
Note
tSCK
SCK clock frequency
0
15.625
20
MHz
[1]
tRI
Input rise time
2.5
20
ns
tFI
Input fall time
2.5
20
ns
tWH
SCK high time
20
32
ns
[2]
tWL
SCK low time
20
32
ns
[2]
tCS
CS high time
25
ns
tCSS
CS setup time
25
ns
tCSH
CS hold time
25
ns
tSU
Data-in setup time
5
ns
tH
Data-in hold time
5
ns
tV
Output valid
20
ns
tHO
Output hold time
0
ns
tDIS
Output disable time
100
ns
CS
VIH
VIL
VIH
VIL
VIH
VIL
tcss
tWH
tWL
tCSH
tCS
Sck
VALID IN
tSU
tH
SI
VOH
VOL
HI-Z
HI-Z
tHO
tDIS
SO
tv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com