Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 46 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 46 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 42Page - Altera Corporation FLEX10KA Datasheet HTML 43Page - Altera Corporation FLEX10KA Datasheet HTML 44Page - Altera Corporation FLEX10KA Datasheet HTML 45Page - Altera Corporation FLEX10KA Datasheet HTML 46Page - Altera Corporation FLEX10KA Datasheet HTML 47Page - Altera Corporation FLEX10KA Datasheet HTML 48Page - Altera Corporation FLEX10KA Datasheet HTML 49Page - Altera Corporation FLEX10KA Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
46
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 19. FLEX 10K 5.0-V Device DC Operating Conditions
Notes (5), (6)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input
voltage
2.0
VCCINT + 0.5
V
VIL
Low-level input voltage
–0.5
0.8
V
VOH
5.0-V high-level TTL
output voltage
I OH = –4 mA DC, VCCIO = 4.75 V
(7)
2.4
V
3.3-V high-level TTL
output voltage
I OH = –4 mA DC, VCCIO = 3.00 V
(7)
2.4
V
3.3-V high-level CMOS
output voltage
I OH = –0.1 mA DC, VCCIO = 3.00 V
(7)
VCCIO – 0.2
V
VOL
5.0-V low-level TTL
output voltage
I OL = 12 mA DC, VCCIO = 4.75 V
(8)
0.45
V
3.3-V low-level TTL
output voltage
I OL = 12 mA DC, VCCIO = 3.00 V
(8)
0.45
V
3.3-V low-level CMOS
output voltage
I OL = 0.1 mA DC, VCCIO = 3.00 V
(8)
0.2
V
II
Input pin leakage
current
VI = VCC or ground
(9)
–10
10
µA
IOZ
Tri-stated I/O pin
leakage current
VO = VCC or ground
(9)
–40
40
µA
ICC0
VCC supply current
(standby)
VI = ground, no load
0.5
10
mA
Table 20. 5.0-V Device Capacitance of EPF10K10, EPF10K20 & EPF10K30 Devices
Note (10)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
8
pF
CINCLK Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
12
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
8
pF
Table 21. 5.0-V Device Capacitance of EPF10K40, EPF10K50, EPF10K70 & EPF10K100 Devices
Note (10)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
CINCLK Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
15
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com