Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 24 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 24 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 20Page - Altera Corporation FLEX10KA Datasheet HTML 21Page - Altera Corporation FLEX10KA Datasheet HTML 22Page - Altera Corporation FLEX10KA Datasheet HTML 23Page - Altera Corporation FLEX10KA Datasheet HTML 24Page - Altera Corporation FLEX10KA Datasheet HTML 25Page - Altera Corporation FLEX10KA Datasheet HTML 26Page - Altera Corporation FLEX10KA Datasheet HTML 27Page - Altera Corporation FLEX10KA Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
24
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Asynchronous Preset
An asynchronous preset is implemented as either an asynchronous load,
or with an asynchronous clear. If DATA3 is tied to VCC, asserting
LABCTRL1
asynchronously loads a one into the register. Alternatively, the
Altera software can provide preset control by using the clear and
inverting the input and output of the register. Inversion control is
available for the inputs to both LEs and IOEs. Therefore, if a register is
preset by only one of the two LABCTRL signals, the DATA3 input is not
needed and can be used for one of the LE operating modes.
Asynchronous Preset & Clear
When implementing asynchronous clear and preset, LABCTRL1 controls
the preset and LABCTRL2 controls the clear. DATA3 is tied to VCC,
therefore, asserting LABCTRL1 asynchronously loads a one into the
register, effectively presetting the register. Asserting LABCTRL2 clears the
register.
Asynchronous Load with Clear
When implementing an asynchronous load in conjunction with the clear,
LABCTRL1
implements the asynchronous load of DATA3 by controlling
the register preset and clear. LABCTRL2 implements the clear by
controlling the register clear; LABCTRL2 does not have to feed the preset
circuits.
Asynchronous Load with Preset
When implementing an asynchronous load in conjunction with preset, the
Altera software provides preset control by using the clear and inverting
the input and output of the register. Asserting LABCTRL2 presets the
register, while asserting LABCTRL1 loads the register. The Altera software
inverts the signal that drives DATA3 to account for the inversion of the
register’s output.
Asynchronous Load without Preset or Clear
When implementing an asynchronous load without preset or clear,
LABCTRL1
implements the asynchronous load of DATA3 by controlling
the register preset and clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com