Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 47 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 47 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 43Page - Altera Corporation FLEX10KA Datasheet HTML 44Page - Altera Corporation FLEX10KA Datasheet HTML 45Page - Altera Corporation FLEX10KA Datasheet HTML 46Page - Altera Corporation FLEX10KA Datasheet HTML 47Page - Altera Corporation FLEX10KA Datasheet HTML 48Page - Altera Corporation FLEX10KA Datasheet HTML 49Page - Altera Corporation FLEX10KA Datasheet HTML 50Page - Altera Corporation FLEX10KA Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
Altera Corporation
47
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input voltage is –0.5 V. During transitions, the inputs may undershoot to –2.0 V for input currents
less than 100 mA and periods shorter than 20 ns.
(3)
Numbers in parentheses are for industrial-temperature-range devices.
(4)
Maximum VCC rise time is 100 ms. VCC must rise monotonically.
(5)
Typical values are for T A = 25° C and VCC = 5.0 V.
(6)
These values are specified under the Recommended Operation Condition shown in Table 18 on page 45.
(7)
The IOH parameter refers to high-level TTL or CMOS output current.
(8)
The IOL parameter refers to low-level TTL or CMOS output current. This parameter applies to open-drain pins as
well as output pins.
(9)
This value is specified for normal device operation. The value may vary during power-up.
(10) Capacitance is sample-tested only.
Figure 20 shows the typical output drive characteristics of FLEX 10K
devices with 5.0-V and 3.3-V VCCIO. The output driver is compliant with
the 5.0-V PCI Local Bus Specification, Revision 2.2 (for 5.0-V VCCIO).
Figure 20. Output Drive Characteristics of FLEX 10K Devices
VO Output Voltage (V)
12345
30
60
90
150
120
IOL
IOH
45
3.3
VCCINT = 5.0 V
VCCIO = 3.3 V
Room Temperature
VO Output Voltage (V)
12345
30
60
90
150
120
IOL
IOH
VCCINT = 5.0 V
VCCIO = 5.0 V
Room Temp
erature
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)
5.0-V
3.3-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com