Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 44 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 44 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 40Page - Altera Corporation FLEX10KA Datasheet HTML 41Page - Altera Corporation FLEX10KA Datasheet HTML 42Page - Altera Corporation FLEX10KA Datasheet HTML 43Page - Altera Corporation FLEX10KA Datasheet HTML 44Page - Altera Corporation FLEX10KA Datasheet HTML 45Page - Altera Corporation FLEX10KA Datasheet HTML 46Page - Altera Corporation FLEX10KA Datasheet HTML 47Page - Altera Corporation FLEX10KA Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
44
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Generic Testing
Each FLEX 10K device is functionally tested. Complete testing of each
configurable SRAM bit and all logic functionality ensures 100% yield.
AC test measurements for FLEX 10K devices are made under conditions
equivalent to those shown in Figure 19. Multiple test patterns can be used
to configure devices during all stages of the production flow.
Figure 19. FLEX 10K AC Test Conditions
Operating
Conditions
Tables 17 through 21 provide information on absolute maximum ratings,
recommended operating conditions, DC operating conditions, and
capacitance for 5.0-V FLEX 10K devices.
VCC
To Test
System
C1 (includes
JIG capacitance)
Device input
rise and fall
times < 3 ns
Device
Output
250
Ω
(8.06 k
Ω)
[481
Ω]
464
Ω
(703
Ω)
[521
Ω]
Power supply transients can affect AC
measurements. Simultaneous transitions of
multiple outputs should be avoided for
accurate measurement. Threshold tests must
not be performed under AC conditions.
Large-amplitude, fast-ground-current
transients normally occur as the device
outputs discharge the load capacitances.
When these transients flow through the
parasitic inductance between the device
ground pin and the test system ground,
significant reductions in observable noise
immunity can result. Numbers without
parentheses are for 5.0-V devices or outputs.
Numbers in parentheses are for 3.3-V devices
or outputs. Numbers in brackets are for
2.5-V devices or outputs.
Table 17. FLEX 10K 5.0-V Device Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to ground (2)
–2.0
7.0
V
VI
DC input voltage
–2.0
7.0
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
Ceramic packages, under bias
150
° C
PQFP, TQFP, RQFP, and BGA
packages, under bias
135
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com