Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 34 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 34 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 30Page - Altera Corporation FLEX10KA Datasheet HTML 31Page - Altera Corporation FLEX10KA Datasheet HTML 32Page - Altera Corporation FLEX10KA Datasheet HTML 33Page - Altera Corporation FLEX10KA Datasheet HTML 34Page - Altera Corporation FLEX10KA Datasheet HTML 35Page - Altera Corporation FLEX10KA Datasheet HTML 36Page - Altera Corporation FLEX10KA Datasheet HTML 37Page - Altera Corporation FLEX10KA Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
34
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 10 lists the FLEX 10K row-to-IOE interconnect resources.
Column-to-IOE Connections
When an IOE is used as an input, it can drive up to two separate column
channels. When an IOE is used as an output, the signal is driven by a
multiplexer that selects a signal from the column channels. Two IOEs
connect to each side of the column channels. Each IOE can be driven by
column channels via a multiplexer. The set of column channels that each
IOE can access is different for each IOE. See Figure 15.
Table 10. FLEX 10K Row-to-IOE Interconnect Resources
Device
Channels per Row (n)
Row Channels per Pin (m)
EPF10K10
EPF10K10A
144
18
EPF10K20
144
18
EPF10K30
EPF10K30A
216
27
EPF10K40
216
27
EPF10K50
EPF10K50V
216
27
EPF10K70
312
39
EPF10K100
EPF10K100A
312
39
EPF10K130V
312
39
EPF10K250A
456
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com