Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 92 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 92 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 88Page - Altera Corporation FLEX10KA Datasheet HTML 89Page - Altera Corporation FLEX10KA Datasheet HTML 90Page - Altera Corporation FLEX10KA Datasheet HTML 91Page - Altera Corporation FLEX10KA Datasheet HTML 92Page - Altera Corporation FLEX10KA Datasheet HTML 93Page - Altera Corporation FLEX10KA Datasheet HTML 94Page - Altera Corporation FLEX10KA Datasheet HTML 95Page - Altera Corporation FLEX10KA Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
92
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 74. EPF10K50V Device EAB Internal Timing Macroparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tEABAA
9.5
13.6
16.5
20.8
ns
tEABRCCOMB
9.5
13.6
16.5
20.8
ns
tEABRCREG
6.1
8.8
10.8
13.4
ns
tEABWP
6.0
4.9
6.0
7.4
ns
tEABWCCOMB
6.2
6.1
7.5
9.2
ns
tEABWCREG
12.0
11.6
14.2
17.4
ns
tEABDD
6.8
9.7
11.8
14.9
ns
tEABDATACO
1.0
1.4
1.8
2.2
ns
tEABDATASU
5.3
4.6
5.6
6.9
ns
tEABDATAH
0.0
0.0
0.0
0.0
ns
tEABWESU
4.4
4.8
5.8
7.2
ns
tEABWEH
0.0
0.0
0.0
0.0
ns
tEABWDSU
1.8
1.1
1.4
2.1
ns
tEABWDH
0.0
0.0
0.0
0.0
ns
tEABWASU
4.5
4.6
5.6
7.4
ns
tEABWAH
0.0
0.0
0.0
0.0
ns
tEABWO
5.1
9.4
11.4
14.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com