Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 25 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 25 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 21Page - Altera Corporation FLEX10KA Datasheet HTML 22Page - Altera Corporation FLEX10KA Datasheet HTML 23Page - Altera Corporation FLEX10KA Datasheet HTML 24Page - Altera Corporation FLEX10KA Datasheet HTML 25Page - Altera Corporation FLEX10KA Datasheet HTML 26Page - Altera Corporation FLEX10KA Datasheet HTML 27Page - Altera Corporation FLEX10KA Datasheet HTML 28Page - Altera Corporation FLEX10KA Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Altera Corporation
25
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
FastTrack Interconnect
In the FLEX 10K architecture, connections between LEs and device I/O
pins are provided by the FastTrack Interconnect, which is a series of
continuous horizontal and vertical routing channels that traverse the
device. This global routing structure provides predictable performance,
even in complex designs. In contrast, the segmented routing in FPGAs
requires switch matrices to connect a variable number of routing paths,
increasing the delays between logic resources and reducing performance.
The FastTrack Interconnect consists of row and column interconnect
channels that span the entire device. Each row of LABs is served by a
dedicated row interconnect. The row interconnect can drive I/O pins and
feed other LABs in the device. The column interconnect routes signals
between rows and can drive I/O pins.
A row channel can be driven by an LE or by one of three column channels.
These four signals feed dual 4-to-1 multiplexers that connect to two
specific row channels. These multiplexers, which are connected to each
LE, allow column channels to drive row channels even when all eight LEs
in an LAB drive the row interconnect.
Each column of LABs is served by a dedicated column interconnect. The
column interconnect can then drive I/O pins or another row’s
interconnect to route the signals to other LABs in the device. A signal from
the column interconnect, which can be either the output of an LE or an
input from an I/O pin, must be routed to the row interconnect before it
can enter an LAB or EAB. Each row channel that is driven by an IOE or
EAB can drive one specific column channel.
Access to row and column channels can be switched between LEs in
adjacent pairs of LABs. For example, an LE in one LAB can drive the row
and column channels normally driven by a particular LE in the adjacent
LAB in the same row, and vice versa. This routing flexibility enables
routing resources to be used more efficiently. See Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com